Electronic Manufacturer | Part Number | Datasheet | Electronics Description |

Analog Devices
|
AD8600 |
 |
16-Channel, 8-Bit Multiplying DAC |
ADAU1966_16 |
 |
16-Channel High Performance Differential Output DAC |
AD7616-P |
 |
16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC |
ADAU1966A |
 |
16-Channel, High Performance DAC |
AD363_15 |
 |
Complete 16-Channel, 2-Bit Data Acquisition Systems |
ADG1606 |
 |
4.5 Ω RON, 16-Channel, Differential 8-Channel, ±5 V,+12 V,+5 V, and +3.3 V Multiplexers |
AD5360 |
 |
16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC |
AD7490 |
 |
16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP |
AD7506JN |
 |
8- and 16-Channel Analog Multiplexers |
AD5360_15 |
 |
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC |
AD5516_03 |
 |
16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode |
AD5361_15 |
 |
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC |
MUX16BTC |
 |
16-Channel Dual 8-Channel JFET Analong Multiplexers |
ADAU1966 |
 |
16-Channel High Performance |
AD7490_12 |
 |
16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP |
AD7506SQ |
 |
CMOS 8-and 16-Channel Analog Multiplexers |
AD7506SQ-883B |
 |
CMOS 8-AND 16-CHANNEL ANALOG MUITIPIEXERS |
AD7617 |
 |
16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC |
AD5516_15 |
 |
16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode |
ADG1406 |
 |
9.5 ohm RON, 16-Channel, Differential 8-Channel, ±15 V/+12 V/±5 V iCMOS Multiplexers |