Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  



1UA Datasheet, PDF

Search Description : '1UA' - Total: 18 (1/1) Pages
Electronic ManufacturerPart NumberDatasheetElectronics Description

Maxim Integrated Produc...
MAX3316 2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
MAX3378EEBC 15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
MAX3221E ±15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
MAX221E ±15kV ESD-Protected, +5V, 1uA, Single RS-232 Transceiver with AutoShutdown
MAX152 +3V, 8-Bit ADC with 1uA Power-Down
MAX3224 1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
AN654 New RS-232 ICs Feature 1uA Supply Current, 15kV ESD Protection, and 3V Operation
MAX3221E_11 15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
MAX3160 +3.0V to +5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
MAX3224E ±15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX9938_11 1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
MAX3188E ±15kV ESD-Protected, 1Mbps, 1uA RS-232 Transmitters in SOT23-6
MAX3376EEKA 15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
MAX3225EEUP 15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
MAX221 +5V, 1uA, Single RS-232 Transceiver with AutoShutdown
MAX3218 1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown™
MAX113 +3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
MAX3370 1uA, 2Mbps, Low-Voltage Level Translators in SC70