Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  



20-BIT Datasheet, PDF

Search Description : '20-BIT' - Total: 43 (1/3) Pages
Electronic ManufacturerPart NumberDatasheetElectronics Description

Fairchild Semiconductor
74ALVC162839 Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in the Outputs
FSTUD16450 Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
74VCX16721 Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
74LCX16821 Low Voltage 20-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
FSTD16861 20-Bit Bus Switch with Level Shifting
FST16861 20-Bit Bus Switch
74VCX16841_04 Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16821 Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
FSTU162450 Configurable 4-Bit to 20-Bit Bus Switch with .2V Undershoot Protection and 25Ω Series Resistors in Outputs (Preliminary)
74LCX16841 Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74ALVC16721 Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
FST162861_05 20-Bit Bus Switch with 25ohm Series Resistors in Outputs
FST16210_05 20-Bit Bus Switch
FSTU32X800 20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
FSTD16861_05 20-Bit Bus Switch with Level Shifting
74VCX16827 Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16721_04 Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
FSTU16861 20-Bit Bus Switch with -2V Undershoot Protection
74ALVC16821 Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
FSTU16862_06 20-Bit Bus Switch with -2V Undershoot Protection

1 2 3 Next


1 2 3 Next