Electronic Manufacturer | Part Number | Datasheet | Electronics Description |

Intersil Corporation
|
ISL3332 |
 |
3.3V, ±15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers |
ISL83070E |
 |
+-15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers |
ISL71091SEH33 |
 |
3.3V Radiation Hardened Ultra Low Noise, |
HI5813_01 |
 |
CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold |
ISL8118 |
 |
3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers |
ISL32450E |
 |
±60V Fault Protected, 3.3V to 5V, ±20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and ±15kV ESD |
ISL83491IBZ-T |
 |
3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers |
HS-26CLV32RH_13 |
 |
Radiation Hardened 3.3V Quad Differential Line Receiver |
ISL72027SEH |
 |
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Split Termination Output |
ISL3172EIBZ-T |
 |
±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers |
HS-26CLV31RH_12 |
 |
Radiation Hardened 3.3V Quad Differential Line Drivers |
ISL83070E_07 |
 |
±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers |
ISL8118 |
 |
3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers |
ISL43485_05 |
 |
3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver |
ISL3178AE |
 |
±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers |
ISL3173EIBZ-T |
 |
15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers |
ISL6526-A |
 |
Operates from 3.3V to 5V Input |
ISL32452EIBZ-T7A |
 |
±60V Fault Protected, 3.3V to 5V, ±20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and ±15kV ESD |
HI2325 |
 |
3.3V Dual 8-Bit, 40MSPS A/D Converter with Internal Reference and Digital Clamp |
ISL32173EIVZ-T |
 |
QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers |