Electronic Manufacturer | Part Number | Datasheet | Electronics Description |

Allegro MicroSystems
|
SI-3002KWF |
 |
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator |
SI-3002KWM |
 |
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator |
SI-3033KM |
 |
1 A, Low-Dropout, 3.3 V Regulator |
SI-3033ZF |
 |
High-Current, Low-Dropout, 3.3 V Regulator |
A4406 |
 |
The A4406 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply an internal 5 V linear regulator and a 3.3 V linear DMOS driver. |
8186 |
 |
LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY |
SI-3033LSA |
 |
LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR |
SI-3006KWM |
 |
1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator |
SI-3002KWD |
 |
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator |
SI-8033JD |
 |
Step-Down to 3.3 V, 1.5 A, DC/DC Converter |
SI-3033ZD |
 |
High-Current, Low-Dropout, 3.3 V Regulator |
A4405 |
 |
The A4405 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply two internal 5 V linear regulators and a 3.3 V linear DMOS driver. |
SI3033LSA |
 |
LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR |
8187 |
 |
LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY |
SI-8033JF |
 |
Step-Down to 3.3 V, 1.5 A, DC/DC Converter |