Electronic Manufacturer | Part Number | Datasheet | Electronics Description |

Kemet Corporation
|
C0603C339C5GACTU |
 |
Ceramic, Commercial-(CxxxxC), 3.3 pF, +/-0.25 pF, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I |
EXV335M050A9BAA |
 |
Aluminum Electrolytic, 105C LowZ, EXV, 3.3 uF, 20%, 50 V, -55/+105C |
R82CC4330Z330J |
 |
Film, Metallized Polyester, Commercial Grade, R82, 3.3 uF, 5%, 50 V, 85C, Lead Spacing = 5mm |
ESK335M350AH1AA |
 |
Aluminum Electrolytic, 85C, ESK, 3.3 uF, 20%, 350 V, -25/+85C, Lead Spacing = 5mm |
T499D335K050ATE2K0 |
 |
Tantalum, MnO2 Tantalum, High Temperature, T499, 3.3 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 2 Ohms, Height Max = 3.1mm |
ESK335M450AH2AA |
 |
Aluminum Electrolytic, 85C, ESK, 3.3 uF, 20%, 450 V, -25/+85C, Lead Spacing = 5mm |
T350D335K035AT |
 |
Tantalum, MnO2 Tantalum, Commercial Grade, T350, 3.3 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 2.54mm |
C4AF3BW4330T3FK |
 |
C4AF, Film, Metallized Polypropylene, Power, 3.3 uF, 10%, 400 VAC, 800 VDC, 85°C, Lead Spacing = 37.5mm |
R60IN43305030K |
 |
Capacitor, film, 3.3 uF, +/-10% Tol, -55/+105C, General Purpose, 250 VDC@85C, Lead Spacing=22.5 mm |
C1812C335M5RACTU |
 |
SMD Comm X7R, Ceramic, 3.3 uF, 20%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 1812 |
R76PW433050H3J |
 |
R76_125C, Film, Double Metallized Polypropylene, General Purpose, 3.3 uF, 5%, 630 VDC, 105°C, Lead Spacing = 37.5mm |
R463R433000M2M |
 |
Film, Metallized Polypropylene, Safety, R46, 3.3 uF, 20%, 630 V, 310 V, 110C, Lead Spacing = 27.5mm |
C1206C335K8RACTU |
 |
Ceramic, Commercial-(CxxxxC), 3.3 uF, 10%, 10 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II |
F863FU335K310Z |
 |
Film, Metallized Polypropylene, Safety, F863, 3.3 uF, 10%, 310 V, 110C, Lead Spacing = 27.5mm |
ESK335M100AC3AA |
 |
Aluminum Electrolytic, 85C, ESK, 3.3 uF, 20%, 100 V, -40/+85C, Lead Spacing = 2mm |
C1210C335K5RACTU |
 |
Ceramic, Commercial-(CxxxxC), 3.3 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Temperature Stable, Class II |
T491D335M050AT |
 |
Tantalum, MnO2 Tantalum, T491, 3.3 uF, 20%, 50 V, 7343, SMD, MnO2, Molded, 1.6 Ohms, Height Max = 3.1mm |
ESH335M450AH2AA |
 |
Aluminum Electrolytic, 105C, ESH, 3.3 uF, 20%, 450 V, -25/+105C, Lead Spacing = 5mm |
FT0H335ZF |
 |
Supercapacitors, Radial Pin, Commercial Grade, FT, 3.3 F, -20/+80%, 5.5 V, Pin Leads, Lead Spacing = 15mm |
C1812C335K5RACTU |
 |
SMD Comm X7R, Ceramic, 3.3 uF, 10%, 50 V, 1812, X7R, SMD, MLCC, Temperature Stable, Class II |