Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  



3.3V 20A Datasheet, PDF

Search Description : '3.3V 20A ' - Total: 79 (1/4) Pages
Electronic ManufacturerPart NumberDatasheetElectronics Description

Fairchild Semiconductor
HUFA75329D3 20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
HUFA76429D3ST 20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET® Power MOSFETs
HUFA76429D3 20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
FIN1048 3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FDMS2672 N-Channel UltraFET Trench MOSFET 200V, 20A, 77mohm
FDP20N40 20A, 400V, 0.216 Ohm, N-Channel SMPS Power MOSFET
FIN1028 3.3V LVDS 2-Bit High Speed Differential Receiver
FDS8812NZ N-Channel PowerTrench MOSFET 30V, 20A, 4.0mohm
HUF76129D3 20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76413D3 20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76419D3ST 20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET® Power MOSFET
FIN1018 3.3V LVDS 1-Bit High Speed Differential Receiver
100LVEL11 3.3V ECL 1:2 Differential Fanout Buffer
HUFA76423D3 20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
FIN1028_04 3.3V LVDS 2-Bit High Speed Differential Receiver
FFPF20UP40S 20A, 400V UItra Fast Rectifier
FIN1031 3.3V LVDS 4-Bit High Speed Differential Driver
ILC6383 1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
HUFA76413D3 20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
FCB20N60F_12 600V N-Channe MOSFET 600V, 20A, 190mΩ

1 2 3 4 Next


1 2 3 4 Next