Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  



3.3V Datasheet, PDF

Search Description : '3.3V' - Total: 68 (1/4) Pages
Electronic ManufacturerPart NumberDatasheetElectronics Description

Maxim Integrated Produc...
MAX3752 2.125Gbps, 3.3V Quad-Port Bypass with Repeater
MAX5887 3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
MAX12555 14-Bit, 95Msps, 3.3V ADC
MAX1144-MAX1145 14-Bit ADCs, 150ksps, 3.3V Single Supply
DS3150 3.3V, DS3/E3/STS-1 Line Interface Unit
DS1085L 3.3V EconOscillator Frequency Synthesizer
DS1086L_07 3.3V Spread-Spectrum EconOscillator
DS2045W 3.3V Single-Piece 1Mb Nonvolatile SRAM
DS4625 3.3V Dual-Output LVPECL Clock Oscillator
MAX3891 16:1 Serializer, 3.3V, 2.5Gbps, SDH/SONET with Clock Synthesis and LVPECL Inputs
DS1100L_1110 3.3V 5-Tap Economy Timing Element (Delay Line)
MAX14782E_14 500Kbps 3.3V to 5V RS-485/RS-422 Transceiver with ±35kV HBM ESD Protection
DS26324 3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
DS26324_11 3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
DS38464 3.3V 64K x 40 NV SRAM SIMM
MAX1190 Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX3676 622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
MAX3675 622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
MAX9164 3.3V Single LVDS Driver/Receiver
MAX1198 Dual, 8-Bit, 100Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs

1 2 3 4 Next


1 2 3 4 Next