Manufacturer | Part # | Datasheet | Description |
Kemet Corporation
|
PHA227 |
1Mb/8P |
PHA227, +125°C, Hybrid Axial, High CV, AEC-Q200 4/26/2022 |
A780MS107M1JLAS030 |
2Mb/19P |
A780, 125°C, Hybrid Polymer V-Chip, AEC-Q200 1/20/2023 |
PHA226MKP337RQE4 |
618Kb/8P |
PHA227, +125°C, Hybrid Axial, High CV, AEC-Q200 4/26/2022 |
PHH227 |
1Mb/8P |
PHH227, +125°C, Hybrid Radial Crown, High CV, AEC-Q200 4/26/2022 |
A784MW157M1JLAV015 |
2Mb/20P |
Surface Mount Hybrid Aluminum Polymer Capacitors A784, 150°C, Hybrid Polymer V-Chip, AEC-Q200 12/6/2022 |
T491A106K016ATAUTO |
98Kb/1P |
Capacitor, Tantalum, SMD, MnO2, Molded, Auto, AEC-Q200, 10 uF, 3216, +/-10% Tol, 16 V (85C) |
T498D106K035ATE700 |
100Kb/1P |
Capacitor, Tantalum, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AEC-Q200, 10 uF, 7343, +/-10% Tol, 35V@85C |
T499B226K010ATE3K0 |
82Kb/1P |
Capacitor, Tantalum, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AEC-Q200, 22 uF, 3528, +/-10% Tol, 10 VDC (85C) |
T598B475M035ATE200 |
75Kb/1P |
T598, Tantalum, Polymer Tantalum, 4.7 uF, 20%, 35 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 200 mOhms, 3528, |
T499C475K035ATE2K5 |
82Kb/1P |
Capacitor, Tantalum, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AEC-Q200, 4.7 uF, 6032, +/-10% Tol, 35 VDC (85C) |
T491D475M035ATAUTO |
76Kb/1P |
T491_Auto, Tantalum, MnO2 Tantalum, 4.7 uF, 20%, 35 VDC, SMD, MnO2, Molded, Auto, AEC-Q200, 1.5 Ohms, 7343, Height Max= 3.1mm |
T598V106M035ATE120 |
67Kb/1P |
Tantalum, Polymer Tantalum, T598, 10 uF, 20%, 35 V, 7343, SMD, Polymer, Molded, Low ESR, AEC-Q200, 120 mOhms, Height Max = 2mm |
T598B107M2R5ATE070 |
75Kb/1P |
T598, Tantalum, Polymer Tantalum, 100 uF, 20%, 2.5 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 70 mOhms, 3528, Height Max = 2.1mm |
T598B107M2R5ATE055 |
75Kb/1P |
T598, Tantalum, Polymer Tantalum, 100 uF, 20%, 2.5 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 55 mOhms, 3528, Height Max = 2.1mm |
T598B107M004ATE070 |
75Kb/1P |
T598, Tantalum, Polymer Tantalum, 100 uF, 20%, 4 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 70 mOhms, 3528, Height Max = 2.1mm |
T598D476M016ATE070 |
77Kb/1P |
T598, Tantalum, Polymer Tantalum, 47 uF, 20%, 16 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 70 mOhms, 7343, Height Max = 3.1mm |
T598D477M004ATE025 |
70Kb/1P |
T598, Tantalum, Polymer Tantalum, 470 uF, 20%, 4 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 25 mOhms, 7343, Height Max = 3.1mm 3/01/2022 |
T599D106M050ATE120 |
464Kb/4P |
T599, Tantalum, Polymer Tantalum, 10 uF, 20%, 50 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 120 mOhms, 7343, Height Max = 3.1mm |
T598B107M006ATE045 |
70Kb/1P |
T598, Tantalum, Polymer Tantalum, 100 uF, 20%, 6.3 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 45 mOhms, 3528, Height Max = 2.1mm |
T599B336M010ATE150 |
70Kb/1P |
T599, Tantalum, Polymer Tantalum, 33 uF, 20%, 10 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 150 mOhms, 3528, Height Max = 2.1mm |