Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



ANGLE Datasheet, PDF

Searched Keyword : 'ANGLE' - Total: 3 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Level One
CAS-1300 Datasheet pdf image
221Kb/3P
Megapixel 1/3??CCD high-definition (HD) resolution 2.8 ~ 8.5 mm adjustable Vari-focal length for wide angle surveillance
FCS-3091 Datasheet pdf image
515Kb/6P
2-Megapixel (1600 x 1200) high-definition resolution Offers various 360째/180째 video modes for panoramic wide-angle surveillance
CAS-1400 Datasheet pdf image
286Kb/3P
2-Megapixel (1600 x 1200) high-definition resolution 2.8 ~ 12 mm adjustable Vari-focal length for wide angle surveillance

1


1



What is ANGLE


The term electronic component angle refers to the shape or installation method of an electronic component.

It is usually used to indicate the orientation of pins or connectors on a part.

For example, Right Angle Connector indicates a connector where components are installed at a 90 degree angle, and Straight Connector indicates a connector where components are installed straight.

Also, in some electronic components, the pin is bent at a certain angle, so it is also called Bent Pin.

In the process of designing or manufacturing electronic parts, it is necessary to accurately grasp the shape and installation method of parts, and to properly utilize them to install parts in the right direction.

For this, it is important to refer to the component's datasheet or manufacturer's instructions.