Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  



ARE Datasheet, PDF

Search Description : 'ARE' - Total: 43 (1/3) Pages
Electronic ManufacturerPart NumberDatasheetElectronics Description

Littelfuse
LSIC2SD120A08 These diodes series are ideal for applications where im-provements in efficiency, reliability, and thermal manage-ment are desired
EC103_10 Sensitive gate SCRs are easily triggered with microAmps of current
P0641DF-1E The series provides single port protection using a fixed Series are SIDACtor® devices
16R Littelfuse 16R Series Radial Leaded PTCs are designed to provide resettable overcurrent protection serving a wide range of electronics applications
S8016XA The Littelfuse SCR S8016xA series are specifically designed for Electric Vehicle On-Board Charger
885 The 885 Nano2® Surface Mount Fuses are high voltage rated fuses with high interrupting current ratings at 450VDC/500VDC and 350VAC
P1553ACLXX The SIDACtor® Primary Protection Balanced Series Modified TO-220 are thyristor devices designed
P0080Q12ALRP_11 Q2L Series 3x3 QFN are low capacitance SIDACtor® devices designed to protect
DXX15L Silicon rectifiers that are excellent for DC phase control applications with motor loads.
CR0300SA The CR range of protectors are based on the proven technology of the T10 thyristor product
440A The 440A Series AECQ-Compliant fuses are specifically tested to cater to secondary circuit protection needs of compact auto electronics applications
T10B080BXX T10B Series are SIDACtor® devices designed protect baseband equipment
08070000 In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the current isolating switches
P0080ECMCLXXX MC Series TO-92 are low capacitance SIDACtor® devices designed to protect
SP4001-04UTG The SIM (Subscriber Identification Module) card has 3 data lines that are low-speed and low-voltage
T10A060BXX T10A Series are SIDACtor® devices designed protect baseband
D6015L59 Silicon rectifiers that are excellent for DC phase control applications with motor loads.
438A The 438A series AECQ-compliant fuses are specifically tested to cater secondary circuit protection needs of compact auto electronics application
PGR-6210 Littelfuse POWR-GARD retrofit kits are an excellent choice
P0080Q22CLRP_11 Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor® devices designed to protect

1 2 3 Next


1 2 3 Next