Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



ASYNCHRONOUS Datasheet, PDF

Searched Keyword : 'ASYNCHRONOUS' - Total: 16 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Cypress Semiconductor
CY7C331 Datasheet pdf image
437Kb/18P
Asynchronous Registered EPLD
PLDC20RA10 Datasheet pdf image
581Kb/14P
Reprogrammable Asynchronous CMOS Logic Device
CY7C421 Datasheet pdf image
640Kb/21P
512 횞 9 Asynchronous FIFO
FM22L16 Datasheet pdf image
403Kb/14P
4Mbit Asynchronous F-RAM Memory
CY14V116F7 Datasheet pdf image
1Mb/32P
16-Mbit nvSRAM with Asynchronous NAND Interface
CY7C460A Datasheet pdf image
250Kb/15P
Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
CY7C419 Datasheet pdf image
622Kb/17P
256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 Datasheet pdf image
522Kb/22P
256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 Datasheet pdf image
479Kb/25P
256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C056V Datasheet pdf image
695Kb/23P
3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C057 Datasheet pdf image
459Kb/23P
3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V Datasheet pdf image
280Kb/22P
3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V Datasheet pdf image
719Kb/26P
3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V Datasheet pdf image
434Kb/27P
3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C1347G Datasheet pdf image
808Kb/24P
4-Mbit (128 K x 36) Pipelined Sync SRAM Asynchronous output enable
CY7C144AV Datasheet pdf image
557Kb/21P
3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM

1


1



What is ASYNCHRONOUS


In electronics, “asynchronous” refers to a method in which synchronization is not required in data transmission or signal processing.

This term is often used to describe how an electronic component or system behaves.

Asynchronous transmission or processing does not use a fixed clock or timing signal between sender and receiver.

Instead, data transmission operates according to start and end points, and data bits are transmitted independently.

This is useful when the rate or timing of data is not constant, or when asynchronous communication between multiple senders and receivers is required.

Asynchronous communication methods in electronic components are related to UART (Universal Asynchronous Receiver Transmitter) or Asynchronous Serial Communication.

UART transmits data bits asynchronously in serial communication, and uses start and stop bits to indicate the start and end of data frames.

It is often used for data transmission or communication between a computer and a peripheral device.

Asynchronous processing can also be used in computer systems.

For example, asynchronous event handling means that processors process and respond to events independently.

This is useful in multi-threaded environments or event-driven systems.

Asynchronous electronics can efficiently transmit or process data, reduce system complexity and increase flexibility.