Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



BITS Datasheet, PDF

Searched Keyword : 'BITS' - Total: 3 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Fujitsu Component Limit...
MB85R4M2T Datasheet pdf image
57Kb/2P
FRAM chip consisting of 262,144 words횞16 bits of nonvolatile memory
MB8432 Datasheet pdf image
672Kb/18P
2K x 8 Bits CMOS Dual-Port Static Random Access
MB85R256G Datasheet pdf image
139Kb/2P
256K-bits FRAM LSI using the ferroelectric process and CMOS process technologies

1


1



What is BITS


In electronic components, BITS is a term that has several meanings.

Most commonly used as an acronym for Binary digITs, it represents the smallest unit of information in computer science or digital communications. Each bit can have a value of 0 or 1.

BITS can also be used to mean:

Binary Unit: BITS is the smallest unit used to represent digital information.

In a computer, all kinds of information, such as data, instructions, images, and music, are represented by BITS. 8 BITS are gathered to form 1 byte.

Bit rate: BITS is also used in digital communications as a unit of data transmission rate.

In telecommunications systems, the number of bits transmitted per second is expressed as BITS per second (BPS), or more commonly bps. For example, 1 Mbps (Megabits per second) represents the transfer rate of one million bits in one second.

Universal Test System: BITS can also be used as an abbreviation for Built-In Test System.

This refers to a built-in self-test system for testing and diagnosing electronic systems. It is used to evaluate the reliability and performance of electronic components or devices.