Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



BODY Datasheet, PDF

Searched Keyword : 'BODY' - Total: 6 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Maxim Integrated Produc...
MAX30205 Datasheet pdf image
592Kb/15P
Human Body Temperature Sensor
Rev 0; 3/16
21-0058 Datasheet pdf image
38Kb/2P
PACKAGE OUTLNE, SOT 6L BODY
Rev N
21-0066 Datasheet pdf image
42Kb/1P
PACKAGE OUTLINE, TSSOP 4.40MM BODY
Rev L
MAX30205EVKIT Datasheet pdf image
799Kb/6P
MAX30205 Human Body Temperature Sensor Evaluation Kit
Rev 0; 9/16
21-0108 Datasheet pdf image
71Kb/2P
PACKAGE OUTLINE, TSSOP 4.4MM BODY, EXPOSED PAD
Rev K
MAX2670 Datasheet pdf image
2Mb/9P
GPS/GNSS Front-End Amplifier ESD Protected to 짹2kV Human Body Model
Rev 0; 6/11

1


1



What is BODY


In electronics, the term BODY can generally be used to mean:

Body of Electronic Component: BODY refers to the actual body of an electronic component or device.

It represents the actual structure and body of electronic components, for example microchips, transistors, semiconductor devices, etc.

This refers to the core of the electronic component that actually works, and can be wrapped in an appropriate case or package for protection or physical connection.

BODY CONNECTIONS OF ELECTRONIC COMPONENTS: BODY also refers to the physical attachments on the body used to make connections on some electronic components.

In the case of a transistor, for example, BODY refers to the connection between the gate and the channel, and this connection plays an important role in controlling the operation of the device.

Physical Part of Device: “BODY” may refer to a physical part of an electronic device. It can be used as an element representing the design, form, structure, etc. of an electronic device.

For example, in the case of a smartphone or computer, BODY refers to the physical appearance, case, frame, etc. of the device.

Therefore, BODY can be used in various meanings that can refer to the actual body of an electronic component, a physical connection part, or an external part of a device.

It is important to know what meaning is used depending on the context.