Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



BRUSHLESS Datasheet, PDF

Searched Keyword : 'BRUSHLESS' - Total: 7 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
International Rectifier
IR3230S Datasheet pdf image
451Kb/22P
3 PHASE CONTROLLER FOR DC BRUSHLESS MOTOR
IRADK31 Datasheet pdf image
403Kb/24P
1/3 HP-Phase Brushless DC(BLDC) Motor Controller Using IR3101/3/4
OMC506 Datasheet pdf image
75Kb/7P
Closed Loop Speed Controller For 3-Phase Brushless DC Motor MP-3T Package
OM9373 Datasheet pdf image
150Kb/14P
FULL-FEATURED POWER MODULE FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
OM9369 Datasheet pdf image
149Kb/14P
FULL-FEATURED POWER MODULE FOR HIGH VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
IR3230SPBF Datasheet pdf image
445Kb/22P
The IR3230 is a three-phase brushless DC motor controller/driver with many integrated features.
OM9371 Datasheet pdf image
142Kb/12P
25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack

1


1



What is BRUSHLESS


In electronic components, Brushless refers to a brushless motor, also called a brushless or brushless motor.

A brushless motor is a type of electric motor that, unlike traditional brushed (DC) motors, is operated by a controller responsible for electrical conversion between rotating and stationary magnets.

These motors do not require brushes and commutators to energize the rotating magnet directly, which provides many advantages.

Brushless motors have the following features and advantages:

High efficiency: Brushless motors operate efficiently with low energy loss.

The absence of brushes and commutators reduces frictional losses and enables more efficient power transfer.

High reliability and durability: Brushless motors do not have brushes and commutators, so there is no wear and malfunction of these parts.

This provides long life and high reliability.

Small size and light weight: Brushless motors are compact and lightweight while supporting high-speed rotation and high power output.

This increases design freedom in a variety of applications, such as electronics and automobiles.

Accurate control and high-speed response: Brushless motors provide precise speed and position control through the controller and high response.

This is useful for precise motion control required in cars, drones, robots, etc.