Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



BUFFER Datasheet, PDF

Searched Keyword : 'BUFFER' - Total: 7 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Leshan Radio Company
L74VHC1G125 Datasheet pdf image
558Kb/6P
Noninverting 3−State Buffer
L74VHC1G07 Datasheet pdf image
226Kb/6P
Noninverting Buffer with Open Drain Output
L74VHC1G50 Datasheet pdf image
434Kb/6P
Noninverting Buffer / CMOS Logic Level Shifter
L74VHC1GT50 Datasheet pdf image
417Kb/6P
Noninverting Buffer / CMOS Logic Level Shifter
L74VHC1GT07 Datasheet pdf image
224Kb/6P
Noninverting Buffer withOpen Drain Output with LSTTL-Compatible Inputs
L74VHC1GT04 Datasheet pdf image
372Kb/6P
Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
MC74VHC1GT50 Datasheet pdf image
205Kb/4P
Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs

1


1



What is BUFFER


In electronic components, a buffer is a circuit that maintains the characteristics of a signal while replicating an input signal to an output signal.

That is, it passes the output signal to another circuit or device without amplifying or attenuating the input signal.

Buffers are used for the following purposes:

Signal Amplification: When the magnitude of the input signal is small, Buffer increases the magnitude of the output signal by amplifying the input signal.

Signal Attenuation: If the magnitude of the input signal is too large, Buffer reduces the magnitude of the output signal by attenuating the input signal.

Signal distribution: One input signal can be divided into multiple output signals.

Signal Drive: Drives an output signal by converting an input signal into sufficient electrical energy before passing the output signal to another circuit or device.

Buffers are used in many electronic components and come in a variety of circuit configurations and types.

For example, a Voltage Follower constructed using an Op-amp is a type of Buffer in which one input and one output are duplicated as the same signal. Also, inverting/non-inverting buffers are used in digital circuits.

These buffers are used to pass digital signals to other circuits or devices without amplifying or attenuating the input signal.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.