Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



BUFFER Datasheet, PDF

Searched Keyword : 'BUFFER' - Total: 37 (1/2) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Linear Technology
LT1010 Datasheet pdf image
275Kb/20P
Fast 짹150mA Power Buffer
LT1010 Datasheet pdf image
692Kb/20P
Fast 150mA Power Buffer
LT1010 Datasheet pdf image
1Mb/19P
Fast +-150mA Power Buffer
LT6554 Datasheet pdf image
172Kb/12P
650MHz Gain of 1 Triple Video Buffer
LT6554 Datasheet pdf image
166Kb/12P
650MHz Gain of 1 Triple Video Buffer
LTC4315 Datasheet pdf image
281Kb/20P
2-Wire Bus Buffer with High Noise Margin
LTC4301 Datasheet pdf image
223Kb/12P
Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4301 Datasheet pdf image
228Kb/12P
Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4315 Datasheet pdf image
281Kb/20P
2-Wire Bus Buffer with High Noise Margin
LTC6957-3 Datasheet pdf image
1Mb/36P
Low Phase Noise, Dual Output Buffer/Driver/ Logic Converter
LTC6957-1 Datasheet pdf image
1Mb/36P
Low Phase Noise, Dual Output Buffer/Driver/ Logic Converter
LTC6416 Datasheet pdf image
385Kb/20P
2 GHz Low Noise Differential 16-Bit ADC Buffer
LTC6957-1 Datasheet pdf image
1Mb/36P
Low Phase Noise, Dual Output Buffer/Driver/Logic Converter
LTC6957-2 Datasheet pdf image
1Mb/36P
Low Phase Noise, Dual Output Buffer/Driver/ Logic Converter
LTC6957-4 Datasheet pdf image
1Mb/36P
Low Phase Noise, Dual Output Buffer/Driver/ Logic Converter
LTC6416 Datasheet pdf image
396Kb/20P
2 GHz Low Noise Differential 16-Bit ADC Buffer
LTC4303 Datasheet pdf image
555Kb/12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 Datasheet pdf image
644Kb/16P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4300A-3 Datasheet pdf image
216Kb/14P
Level-Shifting Hot Swappable 2-Wire Bus Buffer with Enable
LTC4303 Datasheet pdf image
549Kb/12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery

1 2 >


1 2 >



What is BUFFER


In electronic components, a buffer is a circuit that maintains the characteristics of a signal while replicating an input signal to an output signal.

That is, it passes the output signal to another circuit or device without amplifying or attenuating the input signal.

Buffers are used for the following purposes:

Signal Amplification: When the magnitude of the input signal is small, Buffer increases the magnitude of the output signal by amplifying the input signal.

Signal Attenuation: If the magnitude of the input signal is too large, Buffer reduces the magnitude of the output signal by attenuating the input signal.

Signal distribution: One input signal can be divided into multiple output signals.

Signal Drive: Drives an output signal by converting an input signal into sufficient electrical energy before passing the output signal to another circuit or device.

Buffers are used in many electronic components and come in a variety of circuit configurations and types.

For example, a Voltage Follower constructed using an Op-amp is a type of Buffer in which one input and one output are duplicated as the same signal. Also, inverting/non-inverting buffers are used in digital circuits.

These buffers are used to pass digital signals to other circuits or devices without amplifying or attenuating the input signal.