Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



CARRIER Datasheet, PDF

Searched Keyword : 'CARRIER' - Total: 4 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Analog Devices
HMC557A Datasheet pdf image
348Kb/23P
24-terminal ceramic leadless chip carrier package
ADRF5424 Datasheet pdf image
643Kb/12P
Die-On-Carrier, Silicon SPDT Switch 100 MHz to 60 GHz
Rev. PrD
ADRF5474 Datasheet pdf image
2Mb/14P
Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
Rev. 0
ADRF5473 Datasheet pdf image
1Mb/17P
Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
Rev. 0

1


1



What is CARRIER


In electronics, carrier can have many meanings. Here are some common meanings of carrier:

Carrier: In semiconductors, a “carrier” is a particle that carries charge.

Charges that move for electrical transfer in semiconductor devices are generally divided into electrons and holes.

An electron is a particle with a negative charge, and a hole is a particle with a positive charge. Thus, a carrier in semiconductors refers to a particle that carries an electric charge.

Carrier: Carrier can also refer to a medium used to transmit data or signals.

For example, in radio communications, carrier refers to a signal that represents a frequency. Data is transmitted and communication is performed using this frequency signal.

Carrier: During the manufacturing and assembly of electronic components, a platform called a “carrier” may be used.

This platform serves to protect or convey parts and is used for convenient operation.

For example, trays, tapes and reals for transporting electronic components can be used as carriers.

As mentioned above, carrier can be used in many different ways, and has specific meanings depending on the context.

Therefore, when referring to carrier in electronic components, it is necessary to understand the meaning in consideration of the given context.