Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



CIRCUIT Datasheet, PDF

Searched Keyword : 'CIRCUIT' - Total: 2 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Holt Integrated Circuit...
AN-510 Datasheet pdf image
37Kb/2P
Example Circuit Applications Note
HI-8195 Datasheet pdf image
80Kb/9P
28 QUAD SPST ANALOG SWITCH Open Circuit when Power Off

1


1



What is CIRCUIT


A circuit is a complete path for electricity to flow.

In an electronic circuit, electrical components such as resistors, capacitors, transistors, and diodes are connected by conductive wires to form a pathway for the flow of electrons.

The flow of electricity through a circuit can be controlled by switches, which open or close the circuit and allow or prevent the flow of electrons.

Other components, such as LEDs, transistors, and integrated circuits (ICs), are used to perform specific tasks, such as amplifying a signal, converting AC to DC, or displaying information.

Circuits can range from simple to complex, and can be used in a wide range of applications, including powering devices, communicating information, and controlling machines and processes.

The design and functionality of a circuit are determined by the specific requirements of the application and the properties of the components used.

Overall, a circuit is a complete path for electricity to flow, made up of connected electrical components, which can be used to perform a wide range of tasks in electronic and electrical systems.