Electronic Manufacturer | Part Number | Datasheet | Electronics Description |

Maxim Integrated Produc...
|
MAX3892 |
 |
+3.3V, 2.5Gbps/2.7Gbps, SDH/SONET 4:1 Serializer with Clock Synthesis |
DS3065W |
 |
3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock |
MAX3629 |
 |
+3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs |
MAX3270 |
 |
155Mbps/622Mbps Clock Recovery and Data Retiming IC with Fully Integrated Phase/Frequency Detector |
MAX11198EVKIT |
 |
50MHz SPI Clock Capability through FMC Connector |
DS31408 |
 |
8-Input, 14-Output, Dual DPLL Timing IC with Sub-ps Output Jitter and 1588 Clock |
MAX3875 |
 |
2.5Gbps, Low-Power, +3.3V Clock Recovery and Data Retiming IC |
MAX3679 |
 |
+3.3V, Low-Jitter Crystal to LVPECL Clock Generator |
DS3231M_12 |
 |
±5ppm, I2C Real-Time Clock |
DS1251 |
 |
4096K NV SRAM with Phantom Clock |
DS3045W |
 |
3.3V Single-Piece 1Mb Nonvolatile SRAM with Clock |
DS1248 |
 |
1024K NV SRAM with Phantom Clock |
MAX3638 |
 |
Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs |
DS1083L |
 |
16MHz to 134MHz Spread-Spectrum Clock Modulator for LCD Panels |
MAX3624 |
 |
Low-Jitter, Precision Clock Generator with Four Outputs |
MAX9316 |
 |
1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver |
MAX3627 |
 |
+3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs |
DS3232M |
 |
±5ppm, I2C Real-Time Clock with SRAM |
DS1372 |
 |
I2C, 32-Bit, Binary Counter Clock with 64-Bit ID |
DS3231M_11 |
 |
5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping |