Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



COILS Datasheet, PDF

Searched Keyword : 'COILS' - Total: 2 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Littelfuse
00557900 Datasheet pdf image
127Kb/1P
EBS Coils ??24V ??HYTREL and Polyurethane ??ISO 7638-1
00556170 Datasheet pdf image
108Kb/1P
ABS Coils ??24V/12V ??HYTREL and Polyurethane ??ISO 7638-1 and ISO 7638-2

1


1



What is COILS


Coil is an electronic component used to store electrical energy and transmit electrical signals.

Coil is generally made of a structure in which a conductor forming a wire is wound in a specific shape.

Coils have many uses because they store and transmit electrical energy.

Most commonly used in voltage stepping, filtering, induction, generators, motors, etc.

Coil basically operates using the principle of electro-magnetic.

When electric current flows through the coil, an electromagnetic field is generated around the coil.

This electromagnetic field is generated by a current-flowing coil, and it can be used to transmit electrical signals to other electronic components or to store electrical energy.

Coils are very diverse among electronic components. Typical examples include induction coils, transformers, solenoids, and RF coils.

Each coil is used for various purposes depending on the strength of the magnetic field, the direction of current flow, the size of the coil, and the material used for the coil.