Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



DECODER Datasheet, PDF

Searched Keyword : 'DECODER' - Total: 58 (1/3) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Fairchild Semiconductor
DM74S138 Datasheet pdf image
55Kb/5P
Decoder/Demultiplexer
DM74LS138 Datasheet pdf image
81Kb/7P
Decoder/Demultiplexer
DM7442A Datasheet pdf image
41Kb/4P
BCD to Decimal Decoder
CD4028BC Datasheet pdf image
76Kb/6P
BCD-to-Decimal Decoder
MM74C42 Datasheet pdf image
39Kb/4P
BCD-to-Decimal Decoder
CD4028BC Datasheet pdf image
53Kb/6P
BCD-to-Decimal Decoder
74AC138 Datasheet pdf image
100Kb/9P
1-of-8 Decoder/Demultiplexer
MM74HC138 Datasheet pdf image
73Kb/7P
3-to-8 Line Decoder
100370 Datasheet pdf image
82Kb/8P
Low Power Universal Demultiplexer/Decoder
MM74C48 Datasheet pdf image
57Kb/6P
BCD-to-7 Segment Decoder
74VHCT138A Datasheet pdf image
69Kb/6P
3-to-8 Decoder/Demultiplexer
74AC138 Datasheet pdf image
103Kb/9P
1-of-8 Decoder/Demultiplexer
74F138SCX Datasheet pdf image
88Kb/7P
1-of-8 Decoder/Demultiplexer
TMC22X5YA Datasheet pdf image
417Kb/84P
Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
74F138 Datasheet pdf image
83Kb/7P
1-of-8 Decoder/Demultiplexer
74VHCT138A Datasheet pdf image
354Kb/9P
3-to-8 Decoder/Demultiplexer
MM74HC154 Datasheet pdf image
78Kb/7P
4-to-16 Line Decoder
MM74HCT138 Datasheet pdf image
73Kb/7P
3-to-8 Line Decoder
74VHC138 Datasheet pdf image
65Kb/7P
3-to-8 Decoder/Demultiplexer
74VHC139 Datasheet pdf image
73Kb/6P
Dual 2-to-4 Decoder/Demultiplexer

1 2 3 >


1 2 3 >



What is DECODER


A decoder is an electronic component that interprets a digital input signal and generates an output. It serves to activate the output according to the given input pattern, and the decoder is mainly implemented as a digital integrated circuit (IC).

The decoder mainly has the following characteristics:

Multiple inputs: The decoder can receive multiple digital input signals. Each input is represented by a logic state (0 or 1), which activates a specific output based on a combination of input signals.

Output Selection: The decoder activates a specific output based on the input pattern. An input pattern is composed of a specific combination of input signals, and the corresponding output is selected. For example, a 2-to-4 decoder can select one of four outputs with two input signals.

Interpretation function: The decoder interprets the input pattern to activate a specific output. It is used to interpret information represented in the form of digital signals and convert them into various output states.

Decoders are used in a variety of applications. For example, address decoders are used in computer systems to manage communication with memory or input/output devices. As another example, segment decoders are used to display numbers or characters on a display device such as a 7-segment display.

Decoders reduce the complexity of digital systems and provide a convenient way to interpret input signals and control outputs. Therefore, decoders play an important role in electronic components and are actively used in various digital systems and devices.