Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



DECODER Datasheet, PDF

Searched Keyword : 'DECODER' - Total: 4 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Holt Integrated Circuit...
HI-15530 Datasheet pdf image
312Kb/11P
Manchester Encoder / Decoder
HI-15530 Datasheet pdf image
96Kb/13P
5V / 3.3V Manchester Encoder / Decoder
HI-15530 Datasheet pdf image
91Kb/13P
5V / 3.3V Manchester Encoder / Decoder
HI-15530 Datasheet pdf image
266Kb/12P
5V / 3.3V Manchester Encoder / Decoder

1


1



What is DECODER


A decoder is an electronic component that interprets a digital input signal and generates an output. It serves to activate the output according to the given input pattern, and the decoder is mainly implemented as a digital integrated circuit (IC).

The decoder mainly has the following characteristics:

Multiple inputs: The decoder can receive multiple digital input signals. Each input is represented by a logic state (0 or 1), which activates a specific output based on a combination of input signals.

Output Selection: The decoder activates a specific output based on the input pattern. An input pattern is composed of a specific combination of input signals, and the corresponding output is selected. For example, a 2-to-4 decoder can select one of four outputs with two input signals.

Interpretation function: The decoder interprets the input pattern to activate a specific output. It is used to interpret information represented in the form of digital signals and convert them into various output states.

Decoders are used in a variety of applications. For example, address decoders are used in computer systems to manage communication with memory or input/output devices. As another example, segment decoders are used to display numbers or characters on a display device such as a 7-segment display.

Decoders reduce the complexity of digital systems and provide a convenient way to interpret input signals and control outputs. Therefore, decoders play an important role in electronic components and are actively used in various digital systems and devices.