Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



DIP Datasheet, PDF

Searched Keyword : 'DIP' - Total: 2 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Microchip Technology
AC163021 Datasheet pdf image
455Kb/2P
8-pin DIP pin 1
6/04
AC163020 Datasheet pdf image
480Kb/2P
Non-active DIP pins are for mechanical stability.
6/04

1


1



What is DIP


In electronic components, 'DIP' is an abbreviation for Dual In-Line Package, meaning Dual In-Line Package. DIP is a type of package that encloses and protects electronic components.

DIP packages are used to protect electronic components and provide mechanical support. This is to ensure that the component can interact with other components or be correctly mounted to the board. The DIP package has pins, which are used to connect electronic components to circuits and to transmit electrical signals.

DIP packages are mainly used for small-sized electronic components such as resistors, capacitors, and integrated circuits (ICs). The DIP package has pins arranged in two rows, which is the origin of the DIP package's name, Dual In-Line Package.

The DIP package provides mechanical support for the component, making it easy to mount and remove the component from the board. However, in recent years, surface-mount device (SMD) packages, which are smaller and higher-density packages of electronic components, have become more widely used. The SMD package is used by directly soldering parts to the board without pins, and has the advantage of saving space and increasing the efficiency of the manufacturing process. So while some electronic components come in DIP packages, modern electronic components tend to use SMD packages mostly.