Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



DIVIDER Datasheet, PDF

Searched Keyword : 'DIVIDER' - Total: 2 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Fujitsu Component Limit...
MB86040 Datasheet pdf image
151Kb/7P
CMOS PIPELINED DIVIDER WITH 10-BIT DIVIDEND, 8BIT DIVISOR, AND 10-BIT QUOTIENT
MB86043 Datasheet pdf image
503Kb/13P
CMOS PIPELINED DIVIDER WITH 10-BIT DIVIDEND, 8BIT DIVISOR, AND 10-BIT QUOTIENT

1


1



What is DIVIDER


In electronic components, 'divider' refers to a part or circuit that receives an input signal and divides the output signal into parts of the input signal. It is mainly used to divide and control voltage or current, and is utilized in various application fields.

Dividers are generally divided into two types:

Voltage Divider: A Voltage Divider divides an input voltage into two or more output voltages. These functions are used to control voltages in voltage sensing, sensing, and device circuits. A voltage divider consists of a series of resistors, and the output voltage is determined by the ratio of the input voltage to the resistance.

Current Divider: Current Divider divides the input current into two or more output currents. It is used to control the distribution of current in a circuit or to supply current to several sub-circuits. A current divider can be constructed using a series resistor or a variety of current elements.

Dividers are used in various circuits and play an important role in circuit design. For example, in a pressure sensor, it can divide the input voltage and use it to generate the sensor's output, or it can be used to control or supply current to other electronic components or subcircuits. This divider function interacts with other circuits and components to maintain and control the accuracy and stability of electronic systems.