Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



DPDT Datasheet, PDF

Searched Keyword : 'DPDT' - Total: 14 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Maxim Integrated Produc...
MAX4760 Datasheet pdf image
703Kb/14P
High-Bandwidth, Quad DPDT Switches
Rev 1; 11/04
MAX4760 Datasheet pdf image
178Kb/14P
High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
MAX4760 Datasheet pdf image
272Kb/14P
High-Bandwidth, Quad DPDT Switches
Rev 3; 7/07
MAX14589E Datasheet pdf image
1Mb/11P
High-Density, 짹5V Capable DPDT Analog Switches
Rev 0; 6/12
MAX14535E Datasheet pdf image
82Kb/8P
Low-Resistance DPDT Switches with Negative Rail
Rev 1; 4/09
MAX14589E Datasheet pdf image
764Kb/11P
High-Density, 짹5V Capable DPDT Analog Switches
2014
MAX4758 Datasheet pdf image
506Kb/15P
Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4758 Datasheet pdf image
343Kb/15P
Quad DPDT Audio/Data Switches in UCSP/QFN
Rev 0; 10/03
MAX4699 Datasheet pdf image
564Kb/13P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX20327 Datasheet pdf image
721Kb/13P
12V Capable, Low-RON, Beyond-the-Rails??DPDT Analog Switch
19-100268; Rev 0; 6/18
MAX14689 Datasheet pdf image
792Kb/12P
Ultra-Small, Low-RON, Beyond-the-Rails??DPDT Analog Switches
19-6784; Rev 5; 6/20
MAX4699 Datasheet pdf image
216Kb/11P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 Datasheet pdf image
200Kb/11P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
MAX4991 Datasheet pdf image
158Kb/10P
Low RON, Dual-SPDT/Single-DPDT Analog Switches with Slow Turn-On Time
Rev 1; 6/09

1


1



What is DPDT


In electronic components, 'DPDT' stands for Double-Pole, Double-Throw. This is a term for a type of electronic component such as a switch or relay.

A DPDT switch or relay has a total of four pins or connection points and is used to control two independent switching circuits. Each circuit has three connection states, which are represented by 'Pole' and 'Throw'.

Pole: Refers to the state of three controlled connections among the pins of a switch or relay. They are usually labeled Pole 1 and Pole 2.

Throw: Refers to the switching action that controls the state of each Pole. 'Single-Throw' means connected or disconnected state, 'Double-Throw' means two connection states.

So a DPDT switch or relay has two poles, and each pole has two throws. DPDT switches or relays configured in this way are used in various circuits, such as electromagnetic pulses, power selection, and circuit switching.

DPDT switches are used to switch or select two independent circuits simultaneously and can be useful in complex control systems or applications. It is also an electronic component often used for state memory switches, motor direction control, and audio stereo selection.