Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



DRAIN Datasheet, PDF

Searched Keyword : 'DRAIN' - Total: 8 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Hitachi Semiconductor
J205557_HD74ALVC1G07 Datasheet pdf image
234Kb/11P
Single Buffer / Driver with Open Drain
HD74HC05 Datasheet pdf image
44Kb/7P
Hex Inverters (with Open Drain Outputs)
HD74LV05A Datasheet pdf image
46Kb/11P
Hex Inverters with Open Drain Outputs
HD74LV07A Datasheet pdf image
45Kb/11P
Hex Buffers / Drivers with Open Drain Outputs
HD74LV06A Datasheet pdf image
46Kb/11P
Hex Inverter Buffers / Drivers with Open Drain Outputs
HD74HC01 Datasheet pdf image
44Kb/7P
Quad. 2-input NAND Gates (with open drain outputs)
HD74HC09 Datasheet pdf image
44Kb/7P
Quad. 2-input AND Gates (with open drain outputs)
HD151005 Datasheet pdf image
50Kb/7P
Octal Inverter Buffers/Drivers With Open Drain High Voltage Outputs

1


1



What is DRAIN


In electronics, 'DRAIN' is a term used in some semiconductor devices such as MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor).

A MOSFET is a semiconductor device that allows current to flow by controlling voltage, and is mainly used for switching and amplification. A MOSFET has three pins, one of which is the 'DRAIN' pin. The other two pins are 'GATE' and 'SOURCE'.

DRAIN (Drain): DRAIN is the output pin of the MOSFET, the current will leave the device through this pin. The DRAIN pin serves to collect the current as the part where the channel of the MOSFET is formed. Typically, the electrical connection is between the MOSFET's DRAIN pin and the circuit's power source or load.

GATE (Gate): GATE is the control pin of the MOSFET. When voltage is applied to this pin, it regulates the current flow between DRAIN and SOURCE by controlling the conduction of the channel.

SOURCE (source): SOURCE is the input pin of the MOSFET, the current will go into this pin. The conductivity of the channel changes according to the voltage applied to the GATE, and accordingly, the current flows between DRAIN and SOURCE.

MOSFETs are used in a variety of applications, mainly in power conversion, switching circuits, and amplifier circuits. DRAIN plays an important role in controlling the operation of the MOSFET. This allows the MOSFET to perform various functions by controlling the conduction of the channel and allowing or blocking current, depending on the applied voltage and the voltage applied to the GATE.