Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



DRAIN Datasheet, PDF

Searched Keyword : 'DRAIN' - Total: 12 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Leshan Radio Company
MC74VHC1G05 Datasheet pdf image
153Kb/4P
Inverter with Open Drain Output
L74VHC1G05 Datasheet pdf image
242Kb/6P
Inverter with Open Drain Output
L74VHC1G07 Datasheet pdf image
226Kb/6P
Noninverting Buffer with Open Drain Output
L74VHC1G01 Datasheet pdf image
225Kb/6P
2-Input NAND Gate with Open Drain Output
MC74VHC1G01 Datasheet pdf image
153Kb/4P
2-Input NAND Gate with Open Drain Output
L74VHC1G135 Datasheet pdf image
221Kb/6P
2-Input NANDSchmitt-Trigger with Open Drain Output
L74VHC1G03 Datasheet pdf image
207Kb/6P
2-Input NAND Gate with Open Drain Output
L74VHC1G09 Datasheet pdf image
221Kb/6P
2-Input AND Gate with Open Drain Output
L74VHC1GT07 Datasheet pdf image
224Kb/6P
Noninverting Buffer withOpen Drain Output with LSTTL-Compatible Inputs
L74VHC1GT03 Datasheet pdf image
215Kb/6P
2-Input NOR Gate with Open Drain Output with LSTTL-Compatible Inputs
L74VHC1GT01 Datasheet pdf image
252Kb/6P
2-Input NAND Gate with Open Drain Output with LSTTL-Compatible Inputs
L74VHC1GT09 Datasheet pdf image
198Kb/6P
2-Input AND Gate with Open Drain Output with LSTTL-Compatible Inputs

1


1



What is DRAIN


In electronics, 'DRAIN' is a term used in some semiconductor devices such as MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor).

A MOSFET is a semiconductor device that allows current to flow by controlling voltage, and is mainly used for switching and amplification. A MOSFET has three pins, one of which is the 'DRAIN' pin. The other two pins are 'GATE' and 'SOURCE'.

DRAIN (Drain): DRAIN is the output pin of the MOSFET, the current will leave the device through this pin. The DRAIN pin serves to collect the current as the part where the channel of the MOSFET is formed. Typically, the electrical connection is between the MOSFET's DRAIN pin and the circuit's power source or load.

GATE (Gate): GATE is the control pin of the MOSFET. When voltage is applied to this pin, it regulates the current flow between DRAIN and SOURCE by controlling the conduction of the channel.

SOURCE (source): SOURCE is the input pin of the MOSFET, the current will go into this pin. The conductivity of the channel changes according to the voltage applied to the GATE, and accordingly, the current flows between DRAIN and SOURCE.

MOSFETs are used in a variety of applications, mainly in power conversion, switching circuits, and amplifier circuits. DRAIN plays an important role in controlling the operation of the MOSFET. This allows the MOSFET to perform various functions by controlling the conduction of the channel and allowing or blocking current, depending on the applied voltage and the voltage applied to the GATE.