Electronic Manufacturer | Part Number | Datasheet | Electronics Description |

Maxim Integrated Produc...
|
MAX16834_15 |
 |
High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver |
MAX16834_10 |
 |
High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver |
MAX16834 |
 |
High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver |
MAX9788_07 |
 |
14VP-P,Class G Ceramic Speaker Driver |
MAX14521E_15 |
 |
Quad, High-Voltage EL Lamp Driver with I2C Interface |
MAX9320B |
 |
1:2 Differential PECL/ECL/LVPECL/LVECL Clock and Data Driver |
MAX253CPA |
 |
MAX253 Transformer Driver for Isolated RS-485 Interface |
MAX31840 |
 |
MR16 LED Driver with Integrated Control MOSFET and Deep Dimming |
MAX16809_09 |
 |
Integrated 16-Channel LED Driver with Switch-Mode Boost and SEPIC Controller |
MAX16814_13 |
 |
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller |
MAX6954 |
 |
4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan |
MAX6978 |
 |
8-Port, 5.5V Constant-Current LED Driver with LED Fault Detection and Watchdog |
MAX5048_05 |
 |
7.6A, 12ns, SOT23/TDFN, MOSFET Driver |
MAX20082 |
 |
Dual, Redundant, H-Bridge Motor Driver |
MAX9788 |
 |
14VP-P,Class G Ceramic Speaker Driver |
MAX14514 |
 |
Dual Electroluminescent Lamp Driver |
MAX4147 |
 |
300MHz, Low-Power, High-Output-Current, Differential Line Driver |
MAX4990E |
 |
High-Voltage, ±15kV ESD-Protected Electroluminescent Lamp Driver |
MAX16818_15 |
 |
1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing |
MAX16840_1108 |
 |
LED Driver with Integrated MOSFET for MR16 and Other 12V AC Input Lamps |