Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



ETHERNET Datasheet, PDF

Searched Keyword : 'ETHERNET' - Total: 16 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Agilent(Hewlett-Packard...
N5392A Datasheet pdf image
1Mb/14P
Ethernet Electrical Performance
HDMP-1636 Datasheet pdf image
325Kb/15P
Gigabit Ethernet Transceiver Chip
HDMP-1636A Datasheet pdf image
281Kb/18P
Gigabit Ethernet and Fibre Channel SerDes ICs
HFBR-5601 Datasheet pdf image
288Kb/14P
Gigabit Interface Converters (GBIC) for Gigabit Ethernet
HDMP-1637A Datasheet pdf image
256Kb/16P
Gigabit Ethernet SerDes Circuit with Differential PECL Clock Inputs
HFBR-53D5 Datasheet pdf image
280Kb/16P
1 x 9 Fiber Optic Transceivers for Gigabit Ethernet
HFBR-5903 Datasheet pdf image
291Kb/16P
FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
HDMP-1687 Datasheet pdf image
340Kb/16P
Four Channel SerDes Circuit for Gigabit Ethernet and Fibre Channel
HFBR-5912E Datasheet pdf image
334Kb/16P
Small Form Factor MT-RJ Fiber Optic Transceivers for Gigabit Ethernet
HFBR-53A5VEM Datasheet pdf image
308Kb/14P
3.3 V 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage
HFBR-5103 Datasheet pdf image
338Kb/22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HDMP-1638 Datasheet pdf image
253Kb/19P
Gigabit Ethernet Transceiver Chip with Dual Serial I/O and Differential PECL Clock Inputs
HFCT-5305 Datasheet pdf image
178Kb/8P
Gigabit Ethernet: 1.25 GBd 1300 nm Laser Transceiver in Low Cost 1 x 9 Package Style
AFBR-5803Z Datasheet pdf image
287Kb/16P
FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
HFBR-5803 Datasheet pdf image
254Kb/16P
FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
HFBR-59L1AL Datasheet pdf image
328Kb/16P
Agilent HFBR-59L1AL 1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver

1


1



What is ETHERNET


In electronic components, 'Ethernet' is the most widely used wired local area network (Local Area Network) technology in computer networks. Ethernet is a set of standardized communication protocols that allow computers and network devices to communicate with each other and exchange data.

Ethernet is a technology jointly developed by Xerox, Intel, and DEC (Digital Equipment Corporation) in the 1970s, and initially transmitted data at a speed of 10 Mbps (megabits per second). However, speeds have improved over time and are now capable of transferring data at speeds of 10 gigabits per second (Gbps) or more. In addition, Ethernet technology is being used in a variety of applications as it evolves into wired and wireless forms.

Ethernet works by detecting and avoiding collisions in the network using the CSMA/CD (Carrier Sense Multiple Access with Collision Detection) protocol. In addition, it follows the standard called IEEE 802.3, and based on it, various Ethernet types and speeds are defined.

Ethernet is currently used to connect computers and network devices in various environments such as offices, homes, data centers, and industrial sites, and is also widely used to access the Internet. Also, with integration with new technologies such as the Internet of Things (IoT), more devices are using Ethernet to communicate with each other and exchange data.