Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  



FANOUT Datasheet, PDF

Searched Keyword : 'FANOUT' - Total: 20 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Analog Devices
AD9508 Datasheet pdf image
1,009Kb/40P
1.65 GHz Clock FANOUT Buffer
HMC6832 Datasheet pdf image
924Kb/23P
Low Noise, 2:8 Differential FANOUT Buffer
ADCLK946 Datasheet pdf image
335Kb/12P
Six LVPECL Outputs, SiGe Clock FANOUT Buffer
ADCLK946 Datasheet pdf image
476Kb/12P
Six LVPECL Outputs, SiGe Clock FANOUT Buffer
REV. 0
LTC6955 Datasheet pdf image
335Kb/22P
Ultralow Jitter, 7.5GHz 11 Output FANOUT Buffer Family
HMC987LP5E Datasheet pdf image
1Mb/24P
LOW NOISE 1:9 FANOUT BUFFER DC - 8 GHz
ADCLK948 Datasheet pdf image
387Kb/12P
Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock FANOUT Buffer
HMC850LC3 Datasheet pdf image
1Mb/8P
28 Gbps, 1:2 FANOUT BUFFER WITH PROGRAMMABLE OUTPUT VOLTAGE
ADCLK950 Datasheet pdf image
389Kb/12P
Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock FANOUT Buffer
ADCLK948 Datasheet pdf image
716Kb/12P
Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock FANOUT Buffer
REV. 0
ADCLK950 Datasheet pdf image
879Kb/12P
Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock FANOUT Buffer
REV. 0
ADCLK954 Datasheet pdf image
350Kb/12P
Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock FANOUT Buffer
REV. A
ADCLK954 Datasheet pdf image
386Kb/12P
Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock FANOUT Buffer
AD9508 Datasheet pdf image
838Kb/40P
1.65 GHz Clock FANOUT Buffer with Output Dividers and Delay Adjust
REV. A
ADCLK944 Datasheet pdf image
227Kb/12P
2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock FANOUT Buffer
REV. 0
ADCLK854 Datasheet pdf image
548Kb/16P
1.8 V, 12-LVDS/24-CMOS Output, Low Power Clock FANOUT Buffer
REV. 0
ADCLK846 Datasheet pdf image
468Kb/15P
1.8 V, 6 LVDS/12 CMOS Outputs Low Power Clock FANOUT Buffer
ADCLK846 Datasheet pdf image
524Kb/16P
1.8 V, 6 LVDS/12 CMOS Outputs Low Power Clock FANOUT Buffer
REV. A
CN-0294 Datasheet pdf image
427Kb/5P
Increasing the Number of Outputs from a Clock Source Using Low Jitter LVPECL FANOUT Buffers
REV. 0
HMC744LC3 Datasheet pdf image
670Kb/8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPP LY

1


1



What is FANOUT


In electronics, FANOUT is a term used primarily in relation to digital circuit design and logic gates. FANOUT is the number of output signals passed from the output of a particular logic gate to another gate or device.

Logic gates take input signals, process them, and produce output signals. FANOUT indicates how many times these output signals are connected to different gates and used. That is, the number of times the output of one logic gate connects to the input of another logic gate.

For example, if the output of an AND gate is connected to the inputs of two OR gates, the FANOUT of those AND gates is 2. Since the higher the FANOUT, the output signal is connected to various places and has more load, so it is necessary to configure the circuit appropriately by considering the FANOUT value in the logic circuit design.

When FANOUT is high, the voltage or current of the output signal may not be transmitted properly to other gates. This can cause signal attenuation and speed issues. Therefore, when handling output signals with high FANOUT, additional circuits such as amplifiers or buffers can be used to solve these problems or optimize logic circuits.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.