Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



FANOUT Datasheet, PDF

Searched Keyword : 'FANOUT' - Total: 10 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Asahi Kasei Microsystem...
AK8181C Datasheet pdf image
446Kb/8P
3.3V LVPECL 1:2 Clock Fanout Buffer
AK8181A Datasheet pdf image
253Kb/8P
3.3V LVPECL 1:4 Clock Fanout Buffer
AK8181F Datasheet pdf image
654Kb/12P
3.3V LVDS 1:4 Clock Fanout Buffer
AK8181G Datasheet pdf image
585Kb/10P
3.3V LVDS 1:4 Clock Fanout Buffer
AK8181E Datasheet pdf image
552Kb/10P
3.3V LVPECL 1:4 Clock Fanout Buffer
AK8180B Datasheet pdf image
669Kb/12P
2.5V, 3.3V LVCMOS 1:9 Clock Fanout Buffer
AK8180A Datasheet pdf image
580Kb/12P
2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180D Datasheet pdf image
832Kb/12P
2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180C Datasheet pdf image
1,006Kb/12P
2.5V, 3.3V LVCMOS 1:12 Clock Fanout Buffer
AK8181H Datasheet pdf image
542Kb/12P
2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer

1


1



What is FANOUT


In electronics, FANOUT is a term used primarily in relation to digital circuit design and logic gates. FANOUT is the number of output signals passed from the output of a particular logic gate to another gate or device.

Logic gates take input signals, process them, and produce output signals. FANOUT indicates how many times these output signals are connected to different gates and used. That is, the number of times the output of one logic gate connects to the input of another logic gate.

For example, if the output of an AND gate is connected to the inputs of two OR gates, the FANOUT of those AND gates is 2. Since the higher the FANOUT, the output signal is connected to various places and has more load, so it is necessary to configure the circuit appropriately by considering the FANOUT value in the logic circuit design.

When FANOUT is high, the voltage or current of the output signal may not be transmitted properly to other gates. This can cause signal attenuation and speed issues. Therefore, when handling output signals with high FANOUT, additional circuits such as amplifiers or buffers can be used to solve these problems or optimize logic circuits.