Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  



FANOUT Datasheet, PDF

Searched Keyword : 'FANOUT' - Total: 7 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Maxim Integrated Produc...
VSC7158 Datasheet pdf image
41Kb/3P
Enhanced 18-PHY 1.5Gbps and 3.0Gbps SAS Edge/FANOUT Expander
MAX3845 Datasheet pdf image
557Kb/19P
DVI/HDMI 2:4 TMDS FANOUT Switch and Cable Driver
Rev 0; 4/07
VSC7156 Datasheet pdf image
41Kb/3P
Enhanced 24-PHY 1.5Gbps and 3.0Gbps SAS Edge/FANOUT Expander
VSC7157 Datasheet pdf image
41Kb/3P
Enhanced 36-PHY 1.5Gbps and 3.0Gbps SAS Edge/FANOUT Expander
VSC7155 Datasheet pdf image
42Kb/3P
18-PHY 1.5Gbps and 3.0Gbps SAS Edge/FANOUT Expander with Table Routing and SSP Engine
VSC7154 Datasheet pdf image
41Kb/3P
36-PHY 1.5Gbps and 3.0Gbps SAS Edge/FANOUT Expander with Table Routing and SSP Engine
VSC7153-02 Datasheet pdf image
41Kb/3P
24-PHY 1.5Gbps and 3.0Gbps SAS Edge/FANOUT Expander with Table Routing and SSP Engine

1


1



What is FANOUT


In electronics, FANOUT is a term used primarily in relation to digital circuit design and logic gates. FANOUT is the number of output signals passed from the output of a particular logic gate to another gate or device.

Logic gates take input signals, process them, and produce output signals. FANOUT indicates how many times these output signals are connected to different gates and used. That is, the number of times the output of one logic gate connects to the input of another logic gate.

For example, if the output of an AND gate is connected to the inputs of two OR gates, the FANOUT of those AND gates is 2. Since the higher the FANOUT, the output signal is connected to various places and has more load, so it is necessary to configure the circuit appropriately by considering the FANOUT value in the logic circuit design.

When FANOUT is high, the voltage or current of the output signal may not be transmitted properly to other gates. This can cause signal attenuation and speed issues. Therefore, when handling output signals with high FANOUT, additional circuits such as amplifiers or buffers can be used to solve these problems or optimize logic circuits.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.