Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



FEEDBACK Datasheet, PDF

Searched Keyword : 'FEEDBACK' - Total: 11 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Fairchild Semiconductor
FHP3350_0612 Datasheet pdf image
1Mb/19P
Triple and Quad Voltage Feedback Amplifiers
KA7543 Datasheet pdf image
131Kb/16P
Advanced Feedback Dimming Ballast Control IC
FHP3350 Datasheet pdf image
754Kb/19P
Triple and Quad Voltage Feedback Amplifiers
FSEZ2016 Datasheet pdf image
501Kb/14P
Low-Power Green-Mode EZSWITCHTM without Secondary Side Feedback Circuitry
FSEZ2016 Datasheet pdf image
477Kb/14P
Low-Power Green-Mode EZSWITCH without Secondary Side Feedback Circuitry
SG684965TZ Datasheet pdf image
391Kb/16P
Low-Power, Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400A Datasheet pdf image
567Kb/15P
Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SGP400 Datasheet pdf image
492Kb/15P
Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
GTLP1B151 Datasheet pdf image
112Kb/7P
1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
GTLP10B320 Datasheet pdf image
261Kb/12P
10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
FAN400C Datasheet pdf image
544Kb/14P
Low-Power, Green-Mode, PWM Flyback Power Controller without Secondary Feedback (CC)

1


1



What is FEEDBACK


In electronic components and systems, Feedback is used as an important concept. It refers to the process of measuring the output or behavior of a circuit or system and using this information as input to regulate or control the behavior of the system. Feedback plays a very important role in improving stability, accuracy, stabilization and performance.

The main concept of feedback in electronic components is as follows:

Feedback Loop: An iterative process of measuring the output of a circuit or system and comparing it to the original input value. These loops are used by control systems to maintain or regulate desired behavior.

Feedback Control: You can sense the output of a circuit or system and use this information to adjust the input to achieve the desired result. It is often used in automatic control systems. For example, a thermostat adjusts the output of a heater or cooler based on temperature readings to maintain a desired temperature.

Compensation and Correction: Feedback is used to reduce instability and compensate for errors in a circuit or system. Even if a circuit or system fluctuates due to the influence of external factors, it can be compensated for and maintain accurate operation through feedback.

Stabilization: Feedback can be used to stabilize unstable systems. The system can be stabilized by adjusting the control input by detecting fluctuations in output or motion that occur in an unstable system.

Feedback is used in various fields such as electronic component and circuit design, automatic control systems, and communication systems. This helps optimize the system's performance and maintains stability.