Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



FOOTPRINT Datasheet, PDF

Searched Keyword : 'FOOTPRINT' - Total: 11 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Microchip Technology
LAN88730 Datasheet pdf image
918Kb/82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
07/14/15
LAN8710A Datasheet pdf image
1Mb/82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8720AI-CP Datasheet pdf image
1Mb/29P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
ATA663201 Datasheet pdf image
1Mb/36P
LIN Bus Device Family Including Voltage Regulator and LIN SBC with Compatible Footprint
Revision D April 2021
LAN8742A Datasheet pdf image
1Mb/124P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN874XA Datasheet pdf image
1Mb/2P
Small-Footprint, 10/100 PHY Family Featuring Energy Efficient Ethernet and Wake-On-LAN
7/13
LAN8741A Datasheet pdf image
1,012Kb/106P
Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8740A Datasheet pdf image
1Mb/136P
Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8700IC-AEZG Datasheet pdf image
1Mb/83P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
LAN8700C-AEZG-TR Datasheet pdf image
723Kb/83P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8700 Datasheet pdf image
939Kb/74P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16

1


1



What is FOOTPRINT


“Footprint” is one of the important terms used in the field of electronic component design and manufacturing. Footprint refers to defining how electronic components are physically placed and connected on a printed circuit board (PCB). PCB designers and manufacturers use footprint information from electronic components to perform PCB design and ensure components are properly positioned and connected.

Footprint information mainly includes:

Pin Placement and Count: The footprint defines the location and number of each pin or pad when the electronic component is placed on the PCB. It supports the physical connection between electronic components and the PCB.

Pad size and spacing: Footprint defines the size of each pad and the spacing between pads. This is essential to ensure that the components are positioned and soldered correctly on the PCB.

Solder mask and solder paste location: The footprint specifies the location and size of the solder mask and defines where the solder paste (the material that melts when soldering) should be applied.

Other Additional Information: The footprint may also contain a variety of additional information about the physical properties of the part. This information provides guidance on the thermal properties, mechanical properties, and other design requirements of the part.

Footprint information is often provided by component manufacturers or electronic component libraries. PCB designers can use this footprint information to correctly place and connect components in PCB design software. If the component footprints do not match exactly, electronic components may not function properly or problems may occur during the PCB manufacturing process. Therefore, footprint information is very important in the electronic component design and manufacturing process.