Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



GATE Datasheet, PDF

Searched Keyword : 'GATE' - Total: 9 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
ams AG
OR22 Datasheet pdf image
8Kb/1P
2-input OR gate with 2x drive strength
AND52 Datasheet pdf image
12Kb/1P
5-input AND gate with 2x drive strength.
OR2 Datasheet pdf image
12Kb/1P
2-input OR gate with 1x drive strength
OR73 Datasheet pdf image
13Kb/2P
7-input OR gate with 3x drive strength.
OR62 Datasheet pdf image
13Kb/2P
OR62 is a 6-input OR gate with 2x drive strength
INA22 Datasheet pdf image
10Kb/1P
2-input NAND gate with one inverted input 2x drive strength
NA53 Datasheet pdf image
9Kb/1P
NA53 is a 5-input NAND gate with 3x drive strength
NA72 Datasheet pdf image
13Kb/2P
NA72 is a 7-input NAND gate with 2x drive strength
EO12 Datasheet pdf image
9Kb/1P
EO12 is a 2-input EXCLUSIVE-OR (XOR) gate with 2x drive strength

1


1



What is GATE


A gate is a component or circuit that receives an input signal from an electronic circuit and processes it to generate an output signal.

Representative gates include AND, OR, NOT, NAND, NOR, and XOR gates, and various logic circuits can be configured by combining these gates.

Gates are commonly used in digital logic circuits, where inputs and outputs are represented by digital values (0 or 1).

A gate calculates an output value based on its input, and its output changes depending on the input signal.

For example, an AND gate takes two or more inputs, and the output is 1 when all inputs are 1, and the output is 0 otherwise.

An OR gate has an output of 1 when at least one of its inputs is 1, and an output of 0 when all inputs are 0.

A NOT gate outputs the opposite of the input signal.

Gates play an important role in digital logic circuits.

When constructing a logic circuit, select the appropriate gates and combine them to form the desired logic circuit.

Gates are also used in digital devices such as processors and memories.