Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



GATE Datasheet, PDF

Searched Keyword : 'GATE' - Total: 24 (1/2) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Leshan Radio Company
L74VHC1G02 Datasheet pdf image
182Kb/6P
2-Input NOR Gate
L74VHC1G32 Datasheet pdf image
191Kb/6P
2-Input OR Gate
L74VHC1G08 Datasheet pdf image
183Kb/6P
2-Input AND Gate
L74VHC1G00 Datasheet pdf image
183Kb/6P
2?밒nput NAND Gate
MC74VHC1G02 Datasheet pdf image
200Kb/4P
2-Input NOR Gate
MC74VHC1G08 Datasheet pdf image
132Kb/4P
2-Input AND Gate
L74VHC1G86 Datasheet pdf image
186Kb/6P
2-Input Exclusive OR Gate
L74VHC1GT08 Datasheet pdf image
184Kb/6P
2-Input AND Gate with LSTTL-Compatible Inputs
L74VHC1G09 Datasheet pdf image
221Kb/6P
2-Input AND Gate with Open Drain Output
L74VHC1G01 Datasheet pdf image
225Kb/6P
2-Input NAND Gate with Open Drain Output
MC74VHC1G01 Datasheet pdf image
153Kb/4P
2-Input NAND Gate with Open Drain Output
L74VHC1GT32 Datasheet pdf image
196Kb/6P
2-Input OR Gate with LSTTL-Compatible Inputs
L74VHC1G03 Datasheet pdf image
207Kb/6P
2-Input NAND Gate with Open Drain Output
L74VHC1GT86 Datasheet pdf image
395Kb/6P
2-Input Exclusive OR Gate - CMOS Logic Level Shifter
LN2322LT1G Datasheet pdf image
564Kb/3P
N-Channel 20V (D-S) MOSFET Low Gate Threshold Voltage
LNTK4003M3T5G Datasheet pdf image
441Kb/5P
30 V, 0.56 A, Single, N?묬hannel,Gate ESD Protection
L74VHC1GT03 Datasheet pdf image
215Kb/6P
2-Input NOR Gate with Open Drain Output with LSTTL-Compatible Inputs
L74VHC1GU04 Datasheet pdf image
325Kb/6P
advanced high speed CMOS Unbuffered inverter fabricated with silicon gate CMOS technology
L74VHC1GT00 Datasheet pdf image
377Kb/6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT01 Datasheet pdf image
252Kb/6P
2-Input NAND Gate with Open Drain Output with LSTTL-Compatible Inputs

1 2 >


1 2 >



What is GATE


A gate is a component or circuit that receives an input signal from an electronic circuit and processes it to generate an output signal.

Representative gates include AND, OR, NOT, NAND, NOR, and XOR gates, and various logic circuits can be configured by combining these gates.

Gates are commonly used in digital logic circuits, where inputs and outputs are represented by digital values (0 or 1).

A gate calculates an output value based on its input, and its output changes depending on the input signal.

For example, an AND gate takes two or more inputs, and the output is 1 when all inputs are 1, and the output is 0 otherwise.

An OR gate has an output of 1 when at least one of its inputs is 1, and an output of 0 when all inputs are 0.

A NOT gate outputs the opposite of the input signal.

Gates play an important role in digital logic circuits.

When constructing a logic circuit, select the appropriate gates and combine them to form the desired logic circuit.

Gates are also used in digital devices such as processors and memories.