Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



GATE Datasheet, PDF

Searched Keyword : 'GATE' - Total: 8 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Dc Components
DCR03B Datasheet pdf image
49Kb/1P
TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 200 to 600 Volts
DCR150-4 Datasheet pdf image
50Kb/1P
TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 200 to 600 Volts
MML1225 Datasheet pdf image
237Kb/1P
TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 300 to 380 Volts
DCR06C Datasheet pdf image
50Kb/1P
TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 300 to 600 Volts
DCR100-3 Datasheet pdf image
216Kb/1P
TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 100 to 600 Volts
DCR506-3 Datasheet pdf image
35Kb/1P
TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 100 to 600 Volts
DCR72-3 Datasheet pdf image
35Kb/1P
TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 100 to 600 Volts
DCR106-3 Datasheet pdf image
53Kb/1P
TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 100 to 600 Volts

1


1



What is GATE


A gate is a component or circuit that receives an input signal from an electronic circuit and processes it to generate an output signal.

Representative gates include AND, OR, NOT, NAND, NOR, and XOR gates, and various logic circuits can be configured by combining these gates.

Gates are commonly used in digital logic circuits, where inputs and outputs are represented by digital values (0 or 1).

A gate calculates an output value based on its input, and its output changes depending on the input signal.

For example, an AND gate takes two or more inputs, and the output is 1 when all inputs are 1, and the output is 0 otherwise.

An OR gate has an output of 1 when at least one of its inputs is 1, and an output of 0 when all inputs are 0.

A NOT gate outputs the opposite of the input signal.

Gates play an important role in digital logic circuits.

When constructing a logic circuit, select the appropriate gates and combine them to form the desired logic circuit.

Gates are also used in digital devices such as processors and memories.