Electronic Manufacturer | Part Number | Datasheet | Electronics Description |

Maxim Integrated Produc...
|
MAX941 |
 |
High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators |
MAX3202E |
 |
Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces |
MAX9643 |
 |
60V High-Speed Precision Current-Sense Amplifier |
MAX14783E_15 |
 |
High-Speed 3.3V/5V RS-485/RS-422 Transceiver with ±35kV HBM ESD Protection |
MAX4644 |
 |
High-Speed, Low-Voltage, 4Ω, SPDT CMOS Analog Switch |
MAX907 |
 |
Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators |
MAX4886 |
 |
Quad, High-Speed HDMI/DVI 2:1 Digital Video Switch |
MAX4188_07 |
 |
Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable |
MAX4641 |
 |
High-Speed, Low-Voltage, 4Ω, Dual SPST CMOS Analog Switches |
MAX905 |
 |
High-Speed, Positive Edge-Triggered, ECS-Compatible Voltage Comparators |
MAX3620 |
 |
Delay Lines for High-Speed Clock Distribution Systems |
MAX987_07 |
 |
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators |
MAX4617 |
 |
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches |
MAX8552 |
 |
High-Speed, Wide-Input, Single-Phase MOSFET Driver |
MAX4285 |
 |
+3V/+5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable |
MAX4426_10 |
 |
Dual High-Speed 1.5A MOSFET Drivers |
MAX3202E_09 |
 |
Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces |
MAX3080 |
 |
Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers |
MAX4782 |
 |
High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers |
MAX13052ASA |
 |
Industry-Standard High-Speed CAN Transceivers |