Electronic Manufacturer | Part Number | Datasheet | Electronics Description |

Maxim Integrated Produc...
|
DS32X35 |
 |
Accurate I2C RTC with Integrated TCXO/Crystal/FRAM |
MAX16838B |
 |
Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller |
MAX15118 |
 |
High-Efficiency, 18A, Current-Mode Synchronous Step-Down Regulator with Integrated Switches |
MAX30003 |
 |
Ultra-Low Power, Single-Channel Integrated |
MAX8646 |
 |
6A, 2MHz Step-Down Regulator with Integrated Switches |
MAX5986A |
 |
IEEE 802.3af-Compliant, High-Efficiency, Class 1,Powered Devices with Integrated DC-DC Converter |
MAX5014 |
 |
Current-Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies |
MAX5971A |
 |
Single-Port, 40W, IEEE 802.3af/at PSE Controller with Integrated MOSFET |
MAX16838_13 |
 |
Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller |
MAX9121 |
 |
Quad LVDS Line Receivers with Integrated Termination and Flow-Through Pinout |
MAX3109 |
 |
Dual Serial UART with 128-Word FIFOs Integrated PLL and Divider |
DS3232_10 |
 |
Extremely Accurate I2C RTC with Integrated Crystal and SRAM |
MAX16832A_15 |
 |
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense |
MAXM17544 |
 |
Integrated Compensation Components |
MAXM17761 |
 |
4.5 to 76V,1A High-Efficiency DC-DC Step-Down Power Module with Integrated Inductor |
MAX1508 |
 |
Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOKin 3mm x 3mm TDFN |
DS3234 |
 |
Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM |
MAX5088 |
 |
2.2MHz, 2A Buck Converters with an Integrated High-Side Switch |
MAX7360 |
 |
I2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection |
MAX16840_1108 |
 |
LED Driver with Integrated MOSFET for MR16 and Other 12V AC Input Lamps |