Electronic Manufacturer | Part Number | Datasheet | Electronics Description |

Maxim Integrated Produc...
|
MXL1007 |
 |
Low-Noise, Precision Op Amp |
MAX8902A_08 |
 |
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package |
MAX3760 |
 |
622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers |
MAX2648 |
 |
5GHz to 6GHz Low-Noise Amplifier in 6-Pin UCSP |
MAX6220 |
 |
Low-Noise, Precision, +2.5V/+4.096V/+5V Voltage Reference |
MAX2634EVKIT |
 |
315MHz/433MHz Low-Noise Amplifier for Automotive RKE |
MAX8878EUK50 |
 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout |
MAX1709 |
 |
4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter |
MAX8902A_15 |
 |
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package |
MAX9632_1110 |
 |
36V, Precision, Low-Noise, Wide-Band Amplifier |
MAX9155 |
 |
Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package |
MAX2690 |
 |
Low-Noise, 2.5GHz Downconverter Mixer |
MAX1703 |
 |
1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter |
MAX2642 |
 |
900MHz SiGe, High IP3, Low-Noise Amplifiers |
MAX2680_03 |
 |
400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers |
MAX2645 |
 |
3.4GHz to 3.8GHz SiGe Low-Noise Amplifier/PA Predriver |
MAX2659_1108 |
 |
GPS/GNSS Low-Noise Amplifier |
MAX11661_11 |
 |
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs Low-Noise 73dB SNR |
MAX1708EEE-T |
 |
High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter |
MAX887 |
 |
100% Duty Cycle, Low-Noise, Step-Down, PWM DC-DC Converter |