Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  



MAX Datasheet, PDF

Search Description : 'MAX' - Total: 1107 (1/56) Pages
Electronic ManufacturerPart NumberDatasheetElectronics Description

Kemet Corporation
T598B107M004ATE045 T598, Tantalum, Polymer Tantalum, 100 uF, 20%, 4 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 45 mOhms, 3528, Height Max = 2.1mm
T494B226K016AT Tantalum, MnO2 Tantalum, T494, 22 uF, 10%, 16 V, 3528, SMD, MnO2, Molded, Low ESR, 1 Ohms, Height Max = 2.1mm
T495X226K035ATE125 T495, Tantalum, MnO2 Tantalum, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 125 mOhms, Height Max = 4.3mm
T520U686M010ATE055 Tantalum, Polymer Tantalum, T520, 68 uF, 20%, 10 V, 6032, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 55mOhms, Height Max = 1.5mm
T530X108M2R5ATE004 Tantalum, Polymer Tantalum, Multi-Anode, T530, 1000 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 4mOhms, Height Max = 4.3mm
T521X227M016ATE035 T521, Tantalum, Polymer Tantalum, 220 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms, Height Max = 4.3mm
T490T686M006ATE600 Tantalum, MnO2 Tantalum, Consumer, T490, 68 uF, 20%, 6.3 V, 3528, SMD, MnO2, Molded, Low Profile, Consumer, 600 mOhms, Height Max = 1.2mm
T499C685K025ATE1K9 Tantalum, MnO2 Tantalum, High Temperature, T499, 6.8 uF, 10%, 25 V, 6032, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 1.9 Ohms, Height Max = 2.8mm
T491X227K016AT Tantalum, MnO2 Tantalum, T491, 220 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, 500 mOhms, Height Max = 4.3mm
T491D156K025AT Tantalum, MnO2 Tantalum, T491, 15 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, 1 Ohms, Height Max = 3.1mm
T494C475K035AT Tantalum, MnO2 Tantalum, T494, 4.7 uF, 10%, 35 V, 6032, SMD, MnO2, Molded, Low ESR, 700 mOhms, Height Max = 2.8mm
T495X337K010ATE100 Tantalum, MnO2 Tantalum, T495, 330 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Low ESR, 100 mOhms, Height Max = 4.3mm
T520V227M006ATE018 Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 18mOhms, Height Max = 1.9mm
T530X157M016ATE025 Tantalum, Polymer Tantalum, Multi-Anode, T530, 150 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 25mOhms, Height Max = 4.3mm
T520D477M2R5ATE009 T520, Tantalum, Polymer Tantalum, 470 uF, 20%, 2.5 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 9 mOhms, 7343, Height Max = 3.1mm
T543X107M025AHW060 T543_COTS, Tantalum, Polymer Tantalum, COTS, 100 uF, 20%, 25 V, SMD, Polymer, Molded, COTS, Up Screening, N/A, 60mOhms, 7343, Height Max = 4.3mm
T520V107M006ATE007 Tantalum, Polymer Tantalum, T520, 100 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 7mOhms, Height Max = 1.9mm
T520T686M006ATE070 Tantalum, Polymer Tantalum, T520, 68 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 70mOhms, Height Max = 1.2mm
T521V107M016ATE040 T521, Tantalum, Polymer Tantalum, 100 uF, 20%, 16 VDC, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40 mOhms, 7343, Height Max = 2mm
T491A474M025AT Tantalum, MnO2 Tantalum, T491, 0.47 uF, 20%, 25 V, 3216, SMD, MnO2, Molded, 13 Ohms, Height Max = 1.8mm

1 2 3 4 5 6 7 8 9 10 Next >


1 2 3 4 5 Next >