Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



MAXIMUM Datasheet, PDF

Searched Keyword : 'MAXIMUM' - Total: 3 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Maxim Integrated Produc...
MAX77596EVKIT Datasheet pdf image
635Kb/7P
300mA Maximum Load
Rev 1; 3/16
MAX77757HEVKIT360 Datasheet pdf image
795Kb/9P
13.7V Maximum Input Operating Voltage
319-100689; Rev 1; 3/21
MAX44291 Datasheet pdf image
605Kb/12P
36V, Single/Dual/Quad, Low-Noise Amplifiers with Maximum 0.5關V/째C Offset Drift
19-7384; Rev 1; 5/15

1


1



What is MAXIMUM


In electronic components, the term maximum can be used in several ways.

Below are examples of some commonly used meanings and corresponding electronic components.

Maximum Ratings - This is the maximum value that an electronic component must maintain to operate safely.

Exceeding this maximum may result in component damage or malfunction.

For example, an LED with a voltage maximum rating of 5V may be damaged if it exceeds 5V.

Maximum Power Dissipation - This is the maximum power consumed by the component as it heats up.

Exceeding this value may overheat or damage the component.

For example, a diode with a maximum power dissipation of 1W will overheat and become damaged if it exceeds 1W.

Maximum Operating Frequency - The maximum frequency at which a component operates reliably.

If this value is exceeded, parts may not operate normally.

For example, a microcontroller with a maximum operating frequency of 100 MHz may not operate correctly above 100 MHz.

Maximum Output Current - The maximum current the part can supply.

If this value is exceeded, parts may be damaged or may not function properly.

For example, a DC-DC converter with a maximum output current of 500mA may be damaged if it exceeds 500mA.

These maximum values can be found in the electronic component's datasheet.