Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



MM, Datasheet, PDF

Searched Keyword : 'MM,' - Total: 50 (1/3) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Hamamatsu Corporation
R11265U-M4 Datasheet pdf image
170Kb/4P
Wide effective area: 23 mm x 23 mm
R464 Datasheet pdf image
46Kb/2P
For Photon Counting 5 mm 횞 8 mm Bialkali Photocathode 51 mm (2 lnch) Diameter, Head-on Type
S4402 Datasheet pdf image
82Kb/2P
Si APD ?1 mm quadrant APD
S12576-050 Datasheet pdf image
666Kb/7P
Low afterpulse, for very low light-level measurement Photosensitive area: 1 x 1 mm, 3 x 3 mm
S6036 Datasheet pdf image
89Kb/2P
Si PIN photodiode 7 mm lens plastic package
V6833P_V7090P Datasheet pdf image
113Kb/2P
18 mm Dia. PROXIMITY FOCUSED MAGE INTENSIFIER ASSEMBLY
S6801 Datasheet pdf image
101Kb/2P
Si PIN photodiode ?14 mm lens plastic package
S3901-1024Q Datasheet pdf image
363Kb/4P
Large active area type with 51.2 mm detection length
R6350 Datasheet pdf image
233Kb/8P
13 mm Dia. SIDE-ON COMPACT TYPE PHOTOMULTIPLIER TUBE
C10900D Datasheet pdf image
514Kb/10P
Four selectable scan modes Photodiode area: 124.8 횞 124.8 mm
S3931 Datasheet pdf image
132Kb/4P
6 to 37 mm resistance length PSD for precision distance measurement
R12857 Datasheet pdf image
144Kb/2P
13 mm (1/2 inch) diameter, 9-stage, High QE multialkali photocathode
C7942CK-12 Datasheet pdf image
138Kb/6P
Acquire digital X-ray image in real time and 170 mm diagonal size
H7826 Datasheet pdf image
90Kb/2P
photosensor modules consist of a 19-mm (3/4") diameter head-on photomultiplier
C9728DK-10 Datasheet pdf image
440Kb/8P
For diffraction, cassette type with USB 2.0 interface Photodiode area: 52.8 횞 52.8 mm
C7942CA-02 Datasheet pdf image
137Kb/6P
Acquire digital X-ray image in real time and 170 & 176 mm diagonal size
R669 Datasheet pdf image
51Kb/2P
51 mm (2 Inch) Diameter, 10-stage, Head-on Type Extended Red Multialkali Photocathode
C9728DK-10 Datasheet pdf image
217Kb/9P
For diffraction, cassette type with USB 2.0 interface Photodiode area: 52.8 x 52.8 mm
S3979 Datasheet pdf image
332Kb/4P
One-dimensional PSD 3 to 37 mm resistance length PSD for precision distance measurement
R9876 Datasheet pdf image
241Kb/4P
PHOTOMULTIPLIER TUBE 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type

1 2 3 >


1 2 3 >