Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



MOTOR Datasheet, PDF

Searched Keyword : 'MOTOR' - Total: 11 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Maxim Integrated Produc...
MAX1749 Datasheet pdf image
108Kb/8P
SOT23 Vibrator Motor Driver
19-1455; Rev 1; 6/99
MAX14870 Datasheet pdf image
487Kb/15P
Full-Bridge DC Motor Drivers
Rev 0; 9/14
MAX20082 Datasheet pdf image
849Kb/29P
Dual, Redundant, H-Bridge Motor Driver
Rev 0; 8/14
MAX14570 Datasheet pdf image
1Mb/20P
High-Efficiency Voice Coil Motor Driver
Rev 0; 9/11
MAX14871 Datasheet pdf image
468Kb/15P
4.5V to 36V Full-Bridge DC Motor Driver
Rev 0; 9/14
MAX14871 Datasheet pdf image
468Kb/15P
4.5V to 36V Full-Bridge DC Motor Driver
Rev 0; 9/14
MAX14874 Datasheet pdf image
433Kb/12P
4.5V to 36V Dual Relay/Valve/Motor Driver
Rev 0; 4/17
MAX14870 Datasheet pdf image
442Kb/15P
Compact 4.5V to 36V Full-Bridge DC Motor Drivers
Rev 0; 9/14
MAX14870 Datasheet pdf image
430Kb/15P
Compact 4.5V to 36V Full-Bridge DC Motor Drivers
2017
MAX22200 Datasheet pdf image
874Kb/45P
36V, 1A Octal Integrated Serial-Controlled Solenoid and Motor Driver
Rev 0; 4/20
MAX22203 Datasheet pdf image
411Kb/23P
65V, 3.8A Dual Brushed or Single Stepper Motor Driver with Integrated Current Sense
Rev 0; 5/21

1


1



What is MOTOR


A motor is an electromechanical device that converts electrical energy into mechanical energy.

Motors are used in a wide variety of applications, such as powering electric vehicles, driving fans and pumps, and moving robotic systems.

There are several types of motors, including DC motors, AC motors, stepper motors, and servo motors.

DC motors use direct current (DC) to generate rotary motion, while AC motors use alternating current (AC) to generate rotary motion.

Stepper motors are a type of DC motor that can be controlled in small, precise increments, making them useful for applications that require precise positioning, such as in printing machines and medical equipment.

Servo motors are a type of DC motor that provide precise control over position and speed, making them useful for applications that require high accuracy and responsiveness, such as in robotics and automation systems.

Advantages of motors include high power-to-weight ratios, high efficiency, and the ability to control speed and torque.

However, they also have some disadvantages, such as high current demands and the need for cooling.

To mitigate these risks, motors are often used in combination with other components, such as gearboxes, power electronics, and cooling systems.