Electronic Manufacturer | Part Number | Datasheet | Electronics Description |

Integrated Device Techn...
|
IDT74LVCH16245A_08 |
 |
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD |
IDT71V3557S |
 |
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs |
IDT74LVC16244A |
 |
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O |
IDT74LVC244A |
 |
3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O |
IDT74ALVCH32373 |
 |
3.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD |
IDT74ALVCHR16601 |
 |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD |
ADC1015S |
 |
Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs |
IDT74ALVCH16270 |
 |
3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD |
IDT74LVCH32245A |
 |
3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD |
83905-01 |
 |
Outputs able to drive 12 series terminated lines |
IDT74VC16244A |
 |
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O |
8T49NS010 |
 |
Ten differential outputs |
IDT74ALVC162244 |
 |
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS |
IDT74LVCH16245A |
 |
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD |
IDT71V546S_17 |
 |
Synchronous SRAM with ZBT Feature Burst Counter and Pipelined Outputs |
9ZXL1230 |
 |
Low-power push-pull outputs |
IDT71V2556S |
 |
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs |
IDT74ALVC162244_09 |
 |
3.3V CMOS 16-BIT BUFFER/DRIVER 3-STATE OUTPUTS |
IDT74LVC162244A |
 |
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O |
71V546S133PFG |
 |
128K x 36, 3.3V Synchronous SRAM with ZBT™ Feature, Burst Counter and Pipelined Outputs |