Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  



RELAY Datasheet, PDF

Searched Keyword : 'RELAY' - Total: 15 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Micropac Industries
53274 Datasheet pdf image
61Kb/5P
Solid State Relay
53024 Datasheet pdf image
112Kb/3P
SPST SOLID-STATE RELAY
53012 Datasheet pdf image
149Kb/4P
SPST SOLID-STATE RELAY
53012 Datasheet pdf image
76Kb/4P
SPST SOLID-STATE RELAY
53024 Datasheet pdf image
39Kb/3P
SPST SOLID-STATE RELAY
53255 Datasheet pdf image
113Kb/4P
400VDC - 10A SOLID STATE RELAY
53254 Datasheet pdf image
145Kb/4P
40VDC - 10A SOLID STATE RELAY
53274 Datasheet pdf image
68Kb/5P
Solid State Relay SPST, 90VDC - 10A
53274 Datasheet pdf image
68Kb/5P
Solid State Relay SPST, 90VDC - 10A
53258 Datasheet pdf image
118Kb/4P
RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY
53266 Datasheet pdf image
123Kb/4P
50VDC - 6A HIGH TEMPERATURE SOLID STATE RELAY
53246 Datasheet pdf image
153Kb/7P
RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
53250 Datasheet pdf image
161Kb/6P
RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
53257 Datasheet pdf image
119Kb/4P
RADIATION TOLERANT 120VDC - 2A SOLID STATE RELAY
53262 Datasheet pdf image
114Kb/4P
SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED

1


1



What is RELAY


A relay is an electrically operated switch that is used to control high-power circuits with a low-power signal. It consists of an electromagnet, which is activated by a small electrical current, and a set of contacts that open and close in response to the electromagnetic field.

Relays are widely used in many applications, including automotive systems, industrial control systems, and power distribution systems. They are used to control high-power circuits, such as lighting, motors, and solenoids, with a low-power signal, such as a switch, a microcontroller, or a sensor.

There are several types of relays, including electromechanical relays, solid-state relays, and reed relays.

Electromechanical relays are the most common type, and they use a mechanical armature to open and close the contacts. Solid-state relays use semiconductor devices, such as transistors or thyristors, to control the flow of current, and they offer advantages in terms of reliability and response time.

Reed relays are small and fast, and they are used in applications where space is limited and high-speed switching is required.

The performance of a relay is influenced by several factors, including the input signal, the size of the relay, the type of contacts, and the operating environment.
The design of relays is an important consideration in many applications, as it affects the reliability, safety, and cost of the system.

In addition to their use in switching high-power circuits, relays are also used in many other applications, including telecommunications, test equipment, and power supplies, among others.

The ability to control high-power circuits with a low-power signal is a critical aspect of many electronic systems, and the design and performance of relays play an important role in enabling these systems to function effectively and efficiently.