Electronic Manufacturer | Part Number | Datasheet | Electronics Description |

Allegro MicroSystems
|
A4408 |
 |
PWM frequency can be synchronized to external clock |
A8587 |
 |
Wide Input Voltage, Adjustable Frequency, 2 Amp Non-Synchronous Buck Regulator with Enable and NPOR |
ARG81401 |
 |
Adjustable Frequency Buck or Buck-Boost Pre-Regulator with 2 LDOs, Window Watchdog Timer, and NPOR |
A8601 |
 |
The A8601 is a fixed frequency, multiple-output supply for LCD bias. |
A8660 |
 |
Wide Input Voltage, Adjustable Output, Synchronous Buck Controller with PWM Frequency Dithering, Synchronization, and NPOR |
A4406 |
 |
The A4406 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply an internal 5 V linear regulator and a 3.3 V linear DMOS driver. |
APEK8651KLP-01-MH |
 |
Low Input Voltage, Adjustable Frequency Dual Synchronous 2A / 2A Buck Regulator with Synchronization, 2x EN, and 2x NPOR |
A8654 |
 |
Wide Input Voltage, Adjustable Frequency, 3 A, 2 MHz Synchronous Buck Regulator |
A8582 |
 |
The A8582 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET. |
A4405 |
 |
The A4405 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply two internal 5 V linear regulators and a 3.3 V linear DMOS driver. |
ALT80802 |
 |
Wide Input Voltage, Adjustable Frequency, Buck-Boost or Buck 2 Amp LED Driver |
A8583 |
 |
The A8583 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET. |
A8650 |
 |
Low Input Voltage, Adjustable Frequency 2 A Synchronous Buck Regulator with EN/SYNC and Power OK |
A4413 |
 |
Adjustable Frequency Buck or Buck-Boost Pre-Regulator with Synchronous Buck, 5 V Protected LDO, Pulse-Width Window Watchdog, and NPOR |
A8584 |
 |
The A8584 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET. |
A8672 |
 |
Fixed Frequency High Current Synchronous Buck Regulator With Fault Warnings and Power OK |