Manufacturer | Part # | Datasheet | Description |
Maxim Integrated Produc...
|
MAX6661 |
257Kb/19P |
Remote Temperature-Controlled Fan-Speed Regulator with SPI-Compatible Interface Rev 0; 1/02 |
MAX2058 |
809Kb/15P |
700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer Rev 0; 6/06 |
MAX2059 |
789Kb/14P |
1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer Rev 0; 7/06 |
MAX19794 |
6Mb/25P |
10MHz to 500MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC Rev 1; 5/15 |
MAX19793 |
3Mb/23P |
1500MHz to 6000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC Rev 0; 9/12 |
MAX19792 |
4Mb/23P |
500MHz to 4000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC Rev 1; 9/12 |
MAX19791 |
4Mb/24P |
50MHz to 4000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC Rev 1; 10/12 |
MAX17841B |
1Mb/33P |
Automotive SPI Communication Interface (ASCI) Rev 2; 1/15 |
MAX3420E |
509Kb/23P |
USB Peripheral Controller with SPI Interface Rev 0; 8/05 |
MAX6902 |
227Kb/18P |
SPI-Compatible RTC in a TDFN Rev 1; 7/03 |
MAX3420E |
1Mb/22P |
USB Peripheral Controller with SPI Interface Rev 5; 11/15 |
MAX3420E |
366Kb/25P |
USB Peripheral Controller with SPI Interface Rev 2; 6/07 |
DS1343_1112 |
1Mb/20P |
Low-Current SPI/3-Wire RTCs Rev 1; 12/11 |
MAXQ1004 |
1Mb/18P |
1-Wire and SPI Authentication Microcontroller 19-5258; Rev 0; 4/10 |
MAX3107 |
1Mb/52P |
SPI/I2C UART with 128-Word FIFOs Rev 7; 5/15 |
MAX3421E |
260Kb/28P |
USB Peripheral/Host Controller with SPI Interface Rev 4; 7/13 |
MAX3421E |
290Kb/28P |
USB Peripheral/Host Controller with SPI Interface Rev 4; 7/13 |
MAX3107 |
2Mb/52P |
SPI/I2C UART with 128-Word FIFOs Rev 3; 8/11 |
MAX3421E |
371Kb/32P |
USB Peripheral/Host Controller with SPI Interface Rev 3; 7/07 |
MAX11198EVKIT |
6Mb/26P |
50MHz SPI Clock Capability through FMC Connector Rev 0; 10/17 |