Electronic Manufacturer | Part Number | Datasheet | Electronics Description |

Maxim Integrated Produc...
|
MAX1606 |
 |
28V Internal Switch LCD Bias Supply with True Shutdown |
MAX1889 |
 |
Triple-Output TFT LCD Power Supply with Fault Protection |
MAX662A |
 |
+12V, 30mA Flash Memory Programming Supply |
MAX8744A |
 |
High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers |
MAX4173T_11 |
 |
Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier 420μA Supply Current |
MAX11102_11 |
 |
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs 2.2V to 3.6V Supply Voltage |
MAXM15464 |
 |
One 4.5V to 42V DC, 300mA power supply |
MAX1777 |
 |
High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers |
MAX8901A |
 |
Highest Efficiency Supply for 2 to 6 Series WLEDs in a 2mm x 2mm TDFN Package |
MAX17135 |
 |
Multi-Output DC-DC Power Supply with VCOM Amplifier and Temperature Sensor for E-Paper Applications |
MAX1822EPA |
 |
High-Side Power Supply |
MAX734CSA-T |
 |
+12,120mA Flash Memory Programming Supply |
MAX3325 |
 |
3V Dual RS-232 Transceiver with LCD Supply and Contrast Controller |
MAX1878_11 |
 |
Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs |
MAX14880EVKIT |
 |
Operates from a Single 3.3V Supply |
AN1156 |
 |
Low-Cost AC Supply |
AN1781 |
 |
Graphics Chip Supply Delivers 1.65V at 26A |
MAX8594 |
 |
5-Output PMICs with DC-DC Core Supply for Low-Cost PDAs |
MAX22502EEVKIT |
 |
Configurable to Operate from a Single 3V to 5V Supply |
MAX1937 |
 |
Two-Phase Desktop CPU Core Supply Controllers with Controlled VID Change |